Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TERM-50W-183S+ Datasheet(PDF) 1 Page - Mini-Circuits

No. de pieza TERM-50W-183S+
Descripción Electrónicos  Termination SMA-Male
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MINI [Mini-Circuits]
Página de inicio  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TERM-50W-183S+ Datasheet(HTML) 1 Page - Mini-Circuits

  TERM-50W-183S+ Datasheet HTML 1Page - Mini-Circuits TERM-50W-183S+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
The Big Deal
• Ultra-wideband, DC to 18 GHz
• Excellent return loss, 26 dB typ. up to 18 GHz
• Input power handling, 50W
• SMA male connector
Product Overview
Mini-Circuits’ TERM-50W-183S+ is an ultra-wideband 50Ωhigh power termination capable of absorbing
signals up to 50W from DC to 18 GHz. It provides excellent return loss across its entire operating frequency
range, effectively dissipating signal power with minimal reflections. This model has SMA male connectors,
allowing connections with SMA female connectors. The unit features rugged construction for a long life of
use and comes in passivated stainless steel connector with black anodized aluminum housing.
Key Features
Feature
Advantages
Wideband, DC to 18 GHz
Extremely wide frequency range provides application flexibility and makes this model
ideal for broadband and multi-band use.
Good return loss:
• 26 dB typ. up to 18 GHz
Good return loss minimizes signal reflections across multiple-decade frequency range
Power handling up to 50W
Meets a wide range of system power requirements.
Wide operating temperature range,
-55 to +100˚C
Withstands tough operating conditions and is suitable for use near high power compo-
nentry where heat rise is common.
TERM-50W-183S+
50Ω
50W
DC to 18 GHz
Termination
CASE STYLE: LL2798-3
High Power


Número de pieza similar - TERM-50W-183S+

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mini-Circuits
TERM-50W-183N MINI-TERM-50W-183N Datasheet
264Kb / 2P
   Termination
TERM-50W-183N++ MINI-TERM-50W-183N+ Datasheet
264Kb / 2P
   Termination
More results

Descripción similar - TERM-50W-183S+

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pomona Electronics
4286 POMONA-4286 Datasheet
22Kb / 1P
   SMA (Male) Termination
logo
Pasternack Enterprises,...
PE6148 PASTERNACK-PE6148 Datasheet
111Kb / 1P
   SMA MALE TERMINATION FREQUENCY RANGE:DC TO 1GHz
logo
Mini-Circuits
ANNE-50X++ MINI-ANNE-50X+ Datasheet
62Kb / 1P
   Termination SMA
ANNE-50L MINI-ANNE-50L Datasheet
142Kb / 1P
   Termination SMA
ANNE-50++ MINI-ANNE-50+ Datasheet
82Kb / 1P
   Termination SMA
logo
Pasternack Enterprises,...
PE6149 PASTERNACK-PE6149 Datasheet
111Kb / 1P
   SMA MALE TERMINATION FREQUENCY RANGE: DC TO 2,5GHz
PE6026 PASTERNACK-PE6026 Datasheet
83Kb / 1P
   SMA FEEDTHRU TERMINATION
logo
Mini-Circuits
ANNE-50RP MINI-ANNE-50RP Datasheet
256Kb / 2P
   Termination SMA-MRP
logo
Pasternack Enterprises,...
PE6150 PASTERNACK-PE6150 Datasheet
111Kb / 1P
   SMA MALE TERMINATION FREQUENCY RANGE :DC TO 4 GHz
PE6071 PASTERNACK-PE6071 Datasheet
109Kb / 1P
   SMA MALE PRECISION TERMINATION FREQUENCY RANGE: DC TO 18 GHz
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com