Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GRM1885C2A5R7WA01D Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd |
|
GRM1885C2A5R7WA01D Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd |
4 / 30 page No. 15 High Appearance No defects or abnormalities. Solder the capacitor on the test substrate shown in Fig.3. Temperature Test Temperature : 40+/-2℃ High Humidity Capacitance Within +/-7.5% or +/-0.75pF (Whichever is larger) Test Humidity : 90%RH to 95%RH (Steady) Change Test Time : 500+/-12h Q or D.F. Q≧100+10C/3 C:Nominal Capacitance(pF) Test Voltage : Rated Voltage Charge/Discharge Current : 50mA max. I.R. More than 500MΩ or 25Ω・F (Whichever is smaller) Post-treatment : Let sit for 24+/-2hours at room temperature, then measure. 16 Durability Appearance No defects or abnormalities. Solder the capacitor on the test substrate shown in Fig.3. Test Temperature : Maximum Operating Temperature+/-3℃ Capacitance Within +/-3% or +/-0.3pF (Whichever is larger) Test Time : 1000+/-12h Change Test Voltage : 200% of the rated voltage Q or D.F. Q≧200+10C C:Nominal Capacitance(pF) Charge/Discharge Current : 50mA max. I.R. More than 1000MΩ or 50Ω・F (Whichever is smaller) Post-treatment : Let sit for 24+/-2hours at room temperature, then measure. Item Specification Test Method (Ref. Standard:JIS C 5101, IEC60384) Step Temperature(℃) Time (min) 1 Min.Operating Temp. +0/-3 30+/-3 2 Reference Temp. 2 to 3 3 Max.Operating Temp. +3/-0 30+/-3 4 Reference Temp. 2 to 3 Table A Capacitance Change between at Reference Temp. and at each Temp. (%) Char. 5C 0.58 -0.24 0.4 -0.17 0.25 Max. Min. Max. Min. Max. -0.11 Min. -55℃ -30℃ -10℃ Step Temperature(°C) Applying Voltage 1 Reference Temp. +/-2 2 Min. Operating Temp. +/-3 3 * Reference Temp. +/-2 4 Max. Operating Temp. ±3 5 Reference Temp. +/-2 No bias GRM1885C2A5R7WA01-01A |
Número de pieza similar - GRM1885C2A5R7WA01D |
|
Descripción similar - GRM1885C2A5R7WA01D |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |