Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GRM1885C2A121GA01 Datasheet(PDF) 15 Page - Murata Manufacturing Co., Ltd

No. de pieza GRM1885C2A121GA01
Descripción Electrónicos  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA1 [Murata Manufacturing Co., Ltd]
Página de inicio  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM1885C2A121GA01 Datasheet(HTML) 15 Page - Murata Manufacturing Co., Ltd

Back Button GRM1885C2A121GA01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
4-1.Reflow Soldering
1. When sudden heat is applied to the components, the mechanical strength of the components will
[Standard Conditions for Reflow Soldering]
decrease because a sudden temperature change causes deformation inside the components.
In order to prevent mechanical damage to the components, preheating is required for both the
components and the PCB.
Preheating conditions are shown in table 1.
It is required to keep the temperature differential between the solder and the components
surface (ΔT) as small as possible.
2. When components are immersed in solvent after mounting, be sure to maintain the temperature
difference (ΔT) between the component and the solvent within the range shown in the table 1.
Table 1
Series
GRM
[Allowable Reflow Soldering Temperature and Time]
GRM
Recommended Conditions
In the case of repeated soldering, the accumulated
Lead Free Solder: Sn-3.0Ag-0.5Cu
soldering time must be within the range shown above.
3. When a capacitor is mounted at a temperature lower than the peak reflow temperature recommended by the solder manufacturer, the following quality problems can occur.
Consider factors such as the placement of peripheral components and the reflow temperature setting to prevent the capacitor’s reflow temperature from dropping below the peak temperature specified.
Be sure to evaluate the mounting situation beforehand and verify that none of the following problems occur.
・Drop in solder wettability
・Solder voids
・Possible occurrence of whiskering
・Drop in bonding strength
・Drop in self-alignment properties
・Possible occurrence of tombstones and/or shifting on the land patterns of the circuit board
4. Optimum Solder Amount for Reflow Soldering
 4-1. Overly thick application of solder paste results in a excessive solder fillet height.
This makes the chip more susceptible to mechanical and thermal stress on the board and may cause the chips to crack.
4-2. Too little solder paste results in a lack of adhesive strength on the termination, which may result in chips breaking loose from the PCB.
4-3. Please confirm that solder has been applied smoothly to the termination.
Make sure not to impose any abnormal mechanical shocks to the PCB.
Lead Free Solder
Peak Temperature
240 to 260℃
Atmosphere
Air or N2
Inverting the PCB
Chip Dimension(L/W) Code
Temperature Differential
01/02/MD/03/15/
18/JN/21/31
ΔT≦190℃
32/43/55
ΔT≦130℃
Temperature(℃)
Peak Temperature
Soldering
Gradual
Cooling
Preheating
ΔT
60 to 120 s
30 to 60 s
Time
190℃
170℃
150℃
220℃
Soldering Time(s)
280
270
260
250
240
230
220
0
30
60
120
90
GRM1885C2A121GA01-01A


Número de pieza similar - GRM1885C2A121GA01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GRM1885C2A121JA01 MURATA1-GRM1885C2A121JA01 Datasheet
781Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
logo
Murata Manufacturing Co...
GRM1885C2A121JA01D MURATA-GRM1885C2A121JA01D Datasheet
3Mb / 220P
   Chip Monolithic Ceramic Capacitors
logo
Murata Manufacturing Co...
GRM1885C2A121JA01D MURATA1-GRM1885C2A121JA01D Datasheet
781Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C2A121JA01J MURATA1-GRM1885C2A121JA01J Datasheet
781Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Descripción similar - GRM1885C2A121GA01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com