Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GRM1885C2A121GA01D Datasheet(PDF) 19 Page - Murata Manufacturing Co., Ltd

No. de pieza GRM1885C2A121GA01D
Descripción Electrónicos  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA1 [Murata Manufacturing Co., Ltd]
Página de inicio  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM1885C2A121GA01D Datasheet(HTML) 19 Page - Murata Manufacturing Co., Ltd

Back Button GRM1885C2A121GA01D Datasheet HTML 15Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01D Datasheet HTML 16Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01D Datasheet HTML 17Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01D Datasheet HTML 18Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01D Datasheet HTML 19Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01D Datasheet HTML 20Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01D Datasheet HTML 21Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01D Datasheet HTML 22Page - Murata Manufacturing Co., Ltd GRM1885C2A121GA01D Datasheet HTML 23Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
7.Printed Circuit Board Cropping
1. After mounting a capacitor on a printed circuit board, do not apply any stress to the capacitor that caused bending or twisting the board.
1-1. In cropping the board, the stress as shown may cause the capacitor to crack.
Cracked capacitors may cause deterioration of the insulation resistance, and result in a short.
Avoid this type of stress to a capacitor.
[Bending]
[Twisting]
2. Check the cropping method for the printed circuit board in advance.
2-1. Printed circuit board cropping shall be carried out by using a jig or an apparatus (Disc separator, router type separator, etc.) to prevent the mechanical stress that can occur to the board.
   * When a board separation jig or disc separator is used, if the following precautions are not observed, a large board deflection stress will occur and the capacitors may crack.
   Use router type separator if at all possible.
 (1) Example of a suitable jig
   [In the case of Single-side Mounting]
An outline of the board separation jig is shown as follows.
Recommended example:
Stress on the component mounting position can be minimized by holding the portion close to the jig, and bend in the direction towards the side where the capacitors are mounted.
Not recommended example: The risk of cracks occurring in the capacitors increases due to large stress being applied to the component mounting position,
if the portion away from the jig is held and bent in thedirection opposite the side where the capacitors are mounted.
[Outline of jig]
[Hand Separation]
[In the case of Double-sided Mounting]
Since components are mounted on both sides of the board, the risk of cracks occurring can not be avoided with the above method.
Therefore, implement the following measures to prevent stress from being applied to the components.
 
(Measures)
(1) Consider introducing a router type separator.
 
 If it is difficult to introduce a router type separator, implement the following measures. (Refer to item 1. Mounting Position)
(2) Mount the components parallel to the board separation surface.
(3) When mounting components near the board separation point, add slits in the separation position near the component.
(4) Keep the mounting position of the components away from the board separation point.
Notes
Hand and nipper
separation apply a high
level of stress.
Use another method.
· Board handling
· Board bending direction
· Layout of capacitors
· Board handling
· Layout of slits
· Design of V groove
· Arrangement of blades
· Controlling blade life
Board handling
Recommended
Not recommended
Level of stress on board
High
Medium
Medium
Low
Recommended
×
△*
△*
Board Separation Method
Hand Separation
Nipper Separation
1) Board Separation Jig
Board Separation Apparatus
2) Disc Separator
3) Router Type Separator
Board Cropping Jig
V-groove
Printed Circuit Board
Printed circuit
board
Components
Load point
Direction of
load
Printed circuit
board
Component
s
Load point
Direction of load
1A
GRM1885C2A121GA01-01A


Número de pieza similar - GRM1885C2A121GA01D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GRM1885C2A121JA01 MURATA1-GRM1885C2A121JA01 Datasheet
781Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
logo
Murata Manufacturing Co...
GRM1885C2A121JA01D MURATA-GRM1885C2A121JA01D Datasheet
3Mb / 220P
   Chip Monolithic Ceramic Capacitors
logo
Murata Manufacturing Co...
GRM1885C2A121JA01D MURATA1-GRM1885C2A121JA01D Datasheet
781Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C2A121JA01J MURATA1-GRM1885C2A121JA01J Datasheet
781Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Descripción similar - GRM1885C2A121GA01D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com