Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GRM1885C2A130GA01D Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd

No. de pieza GRM1885C2A130GA01D
Descripción Electrónicos  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA1 [Murata Manufacturing Co., Ltd]
Página de inicio  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM1885C2A130GA01D Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd

  GRM1885C2A130GA01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GRM1885C2A130GA01D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GRM1885C2A130GA01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GRM1885C2A130GA01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GRM1885C2A130GA01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GRM1885C2A130GA01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GRM1885C2A130GA01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GRM1885C2A130GA01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GRM1885C2A130GA01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
No.
15 High
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Temperature
Test Temperature :
40+/-2℃
High Humidity
Capacitance Within +/-7.5% or +/-0.75pF (Whichever is larger)
Test Humidity :
90%RH to 95%RH
(Steady)
Change
Test Time :
500+/-12h
Q or D.F.
Q≧100+10C/3 C:Nominal Capacitance(pF)
Test Voltage :
Rated Voltage
Charge/Discharge Current : 50mA max.
I.R.
More than 500MΩ or 25Ω・F (Whichever is smaller)
Post-treatment :
Let sit for 24+/-2hours at room temperature, then measure.
16 Durability
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate shown in Fig.3.
Test Temperature :
Maximum Operating Temperature+/-3℃
Capacitance Within +/-3% or +/-0.3pF (Whichever is larger)
Test Time :
1000+/-12h
Change
Test Voltage :
200% of the rated voltage
Q or D.F.
Q≧275+5C/2 C:Nominal Capacitance(pF)
Charge/Discharge Current : 50mA max.
I.R.
More than 1000MΩ or 50Ω・F (Whichever is smaller)
Post-treatment :
Let sit for 24+/-2hours at room temperature, then measure.
Item
Specification
Test Method (Ref. Standard:JIS C 5101, IEC60384)
Step
Temperature(℃)
Time (min)
1
Min.Operating Temp. +0/-3
30+/-3
2
Reference Temp.
2 to 3
3
Max.Operating Temp. +3/-0
30+/-3
4
Reference Temp.
2 to 3
Table A Capacitance Change between at Reference Temp. and at each Temp. (%)
Char.
5C
0.58
-0.24
0.4
-0.17
0.25
Max.
Min.
Max.
Min.
Max.
-0.11
Min.
-55℃
-30℃
-10℃
Step
Temperature(°C)
Applying Voltage
1
Reference Temp. +/-2
2
Min. Operating Temp. +/-3
3
*
Reference Temp. +/-2
4
Max. Operating Temp. ±3
5
Reference Temp. +/-2
No bias
GRM1885C2A130GA01-01A


Número de pieza similar - GRM1885C2A130GA01D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GRM1885C2A130JA01 MURATA1-GRM1885C2A130JA01 Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C2A130JA01D MURATA1-GRM1885C2A130JA01D Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C2A130JA01J MURATA1-GRM1885C2A130JA01J Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Descripción similar - GRM1885C2A130GA01D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com