Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GRM1885C2A131JA01 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd

No. de pieza GRM1885C2A131JA01
Descripción Electrónicos  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA1 [Murata Manufacturing Co., Ltd]
Página de inicio  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM1885C2A131JA01 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd

  GRM1885C2A131JA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Substrate Bending Test
・Test Substrate
Material : JIS C 6484 Copper-clad laminated sheets for PCBs (Glass fabric base, epoxy resin)
Thickness :
1.6mm
Copper Foil Thickness: 0.035mm
Kind of Solder : Sn-3.0Ag-0.5Cu
Fig.1 (in mm)
・Pressurization Method
Fig.2 (in mm)
Adhesive Strength of Termination, Vibration, Temperature Sudden Change, High Temperature High Humidity(Steady), Durability
・Test Substrate
Material : JIS C 6484 Copper-clad laminated sheets for PCBs (Glass fabric base, epoxy resin)
Thickness :
1.6mm or 0.8mm
Copper Foil Thickness: 0.035mm
Kind of Solder : Sn-3.0Ag-0.5Cu
・Land Dimensions
Fig.3
Step
Temperature(℃)
Time (min)
1
Min.Operating Temp. +0/-3
30+/-3
2
Reference Temp.
2 to 3
3
Max.Operating Temp. +3/-0
30+/-3
4
Reference Temp.
2 to 3
Dimension(mm)
a
b
c
1.0
3.0
1.2
Series
GRM18
Dimension(mm)
a
b
c
1.0
3.0
1.2
Series
GRM18
Step
Temperature(°C)
Applying Voltage
1
Reference Temp. +/-2
2
Min. Operating Temp. +/-3
3
*
Reference Temp. +/-2
4
Max. Operating Temp. ±3
5
Reference Temp. +/-2
No bias
45
45
Flexure
Capacitance meter
Pressurization speed
1.0mm/s
Support
Capacitor
Pressurize
45
45
R5
20
50min.
b
a
Solder Resist
Chip Capacitor
Land
*1,2:2.0±0.05
100
a
4.0±0.1
b
Land
4.5
Solder Resist (Coat with heat resistant resin for solder)
GRM1885C2A131JA01-01A


Número de pieza similar - GRM1885C2A131JA01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GRM1885C2A131GA01 MURATA1-GRM1885C2A131GA01 Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C2A131GA01D MURATA1-GRM1885C2A131GA01D Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C2A131GA01J MURATA1-GRM1885C2A131GA01J Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Descripción similar - GRM1885C2A131JA01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com