Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GRM1885C2A131JA01D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

No. de pieza GRM1885C2A131JA01D
Descripción Electrónicos  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA1 [Murata Manufacturing Co., Ltd]
Página de inicio  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM1885C2A131JA01D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  GRM1885C2A131JA01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GRM1885C2A131JA01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
■ Specifications and Test Methods
No.
1
Rated Voltage
Shown in Rated value.
The rated voltage is defined as the maximum voltage which may be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, V
P-P or VO-P, whichever is larger, should be maintained
within the rated voltage range.
2
Appearance
No defects or abnormalities.
Visual inspection.
3
Dimension
Shown in Rated value.
Using Measuring instrument of dimension.
4
Voltage Proof
No defects or abnormalities.
Measurement Point :
Between the terminations
Test Voltage :
300% of the rated voltage
Applied Time :
1s to 5s
Charge/Discharge Current : 50mA max.
5
Insulation Resistance(I.R.)
More than 10000MΩ
Measurement Temperature:Room Temperature
Measurement Point :
Between the terminations
Measurement Voltage :
Rated Voltage
Charging Time :
2min
Charge/Discharge Current : 50mA max.
6
Capacitance
Shown in Rated value.
Measurement Temperature:Room Temperature
Measurement Frequency : 1.0+/-0.1MHz
Measurement Voltage :
0.5 to 5.0Vrms
7
Q or Dissipation Factor (D.F.)
Q≧1000
Measurement Temperature : Room Temperature
Measurement Frequency : 1.0+/-0.1MHz
Measurement Voltage :
0.5 to 5.0Vrms
8
Capacitance
No bias
Nominal value of the temperature coefficient is shown in Rated value.
The capacitance change should be measured after 5 minutes at each specified temperature stage.
Temperature
Characteristics
Capacitance Drift:Within +/-0.2% or +/-0.05pF (Whichever is larger)
Measurement Voltage :
Less than 1.0Vrms (Refer to the individual data sheet)
Specification
Test Method (Ref. Standard:JIS C 5101, IEC60384)
Item
Capacitance value as a reference is the value in "
*" marked step.
But, the Capacitance Change under Reference Temperature is shown in
Table A.
The capacitance drift is calculated by dividing the differences between the maximum and minimum measured values in the step 1,3 and 5 by the capacitance
value in step 3.
Step
Temperature(℃)
Time (min)
1
Min.Operating Temp. +0/-3
30+/-3
2
Reference Temp.
2 to 3
3
Max.Operating Temp. +3/-0
30+/-3
4
Reference Temp.
2 to 3
Step
Temperature(°C)
Applying Voltage
1
Reference Temp. +/-2
2
Min. Operating Temp. +/-3
3
*
Reference Temp. +/-2
4
Max. Operating Temp. ±3
5
Reference Temp. +/-2
No bias
GRM1885C2A131JA01-01A


Número de pieza similar - GRM1885C2A131JA01D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GRM1885C2A131GA01 MURATA1-GRM1885C2A131GA01 Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C2A131GA01D MURATA1-GRM1885C2A131GA01D Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C2A131GA01J MURATA1-GRM1885C2A131GA01J Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Descripción similar - GRM1885C2A131JA01D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com