Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN2001MPX Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FAN2001MPX
Descripción Electrónicos  1A High-Efficiency Step-Down DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2001MPX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN2001MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN2001MPX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
FAN2001/FAN2002 Rev. 1.0.2
Block Diagram
Figure 3. Block Diagram
Detailed Operation Description
The FAN2001/FAN2002 is a step-down converter operating in a
current-mode PFM/PWM architecture with a typical switching
frequency of 1.3MHz. At moderate to heavy loads, the converter
operates in pulse-width-modulation (PWM) mode. At light loads
the converter enters a power-save mode (PFM pulse skipping)
to keep the efficiency high.
PWM Mode
In PWM mode, the device operates at a fixed frequency of
1.3MHz. At the beginning of each clock cycle, the P-channel
transistor is turned on. The inductor current ramps up and is
monitored via an internal circuit. The P-channel switch is turned
off when the sensed current causes the PWM comparator to trip
when the output voltage is in regulation or when the inductor
current reaches the current limit (set internally to typically
1500mA). After a minimum dead time the N-channel transistor
is turned on and the inductor current ramps down. As the clock
cycle is completed, the N-channel switch is turned off and the
next clock cycle starts.
PFM (Power Save) Mode
As the load current decreases and the inductor current reaches
negative value, the converter enters pulse-frequency-modula-
tion (PFM) mode. The transition point for the PFM mode is given
by the equation:
The typical output current when the device enters PFM mode is
150mA for input voltage of 3.6V and output voltage of 1.2V. In
PFM mode the device operates with a variable frequency and
constant peak current, thus reducing the quiescent current to
minimum. Consequently, the high efficiency is maintained at
light loads. As soon as the output voltage falls below a thresh-
old, set at 0.8% above the nominal value, the P-channel transis-
tor is turned on and the inductor current ramps up. The P-
channel switch turns off and the N-channel turns on as the peak
inductor current is reached (typical 450mA).
The N-channel transistor is turned off before the inductor cur-
rent becomes negative. At this time the P-channel is switched
on again starting the next pulse. The converter continues these
pulses until the high threshold (typical 1.6% above nominal
value) is reached. A higher output voltage in PFM mode gives
additional headroom for the voltage drop during a load transient
from light to full load. The voltage overshoot during this load
transient is also minimized due to active regulation during turn
on of the N-channel rectifier switch. The device stays in sleep
mode until the output voltage falls below the low threshold. The
FAN2001/FAN2002 enters the PWM mode as soon as the out-
put voltage can no longer be regulated in PFM with constant
peak current.
100% Duty Cycle Operation
As the input voltage approaches the output voltage and the duty
cycle exceeds the typical 95%, the converter turns the P-chan-
nel transistor continuously on. In this mode the output voltage is
equal to the input voltage minus the voltage drop across the P-
channel transistor:
VOUT = VIN – ILOAD × (RdsON + RL), where
RdsON = P-channel switch ON resistance
ILOAD = Output current
RL = Inductor DC resistance
FB
ERROR
AMP
NEG.
LIMIT
COMP
PFM
COMP
LOGIC
CONTROL
OVER
VOLTAGE
COMP
UNDER-VOLTAGE
LOCKOUT
MOSFET
DRIVER
OSC
SLOPE COMPENSATION
REF
FB
REF
IS
IS
CURRENT
SENSE
NEG.
LIMIT
SENSE
DIGITAL
SOFT START
IS
GND
SW
V
IN
EN
GND
0.8V
COMP
I
OUT
V
OUT
1V
OUT
V
IN
()
2Lf
×
×
------------------------------------------
×
=


Número de pieza similar - FAN2001MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN2001MPX ONSEMI-FAN2001MPX Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
More results

Descripción similar - FAN2001MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN2002 ONSEMI-FAN2002 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
FAN2001 ONSEMI-FAN2001 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
logo
ams AG
AS1382 AMSCO-AS1382 Datasheet
636Kb / 20P
   1A, High Efficiency, DC-DC Step Down Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com