Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KM732V599L Datasheet(PDF) 8 Page - Samsung semiconductor

No. de pieza KM732V599L
Descripción Electrónicos  32Kx32 Synchronous SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM732V599L Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KM732V599L Datasheet HTML 4Page - Samsung semiconductor KM732V599L Datasheet HTML 5Page - Samsung semiconductor KM732V599L Datasheet HTML 6Page - Samsung semiconductor KM732V599L Datasheet HTML 7Page - Samsung semiconductor KM732V599L Datasheet HTML 8Page - Samsung semiconductor KM732V599L Datasheet HTML 9Page - Samsung semiconductor KM732V599L Datasheet HTML 10Page - Samsung semiconductor KM732V599L Datasheet HTML 11Page - Samsung semiconductor KM732V599L Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PRELIMINARY
Rev 1.0
KM732V599A/L
32Kx32 Synchronous SRAM
- 8 -
May 1997
(VDD=3.3V-5%/+10%, TA=0 to 70
°C)
AC TIMING CHARACTERISTICS
NOTE : 1. All address inputs must meet the specified setup and hold times for all rising clock edges whenever ADSC and/or ADSP is sampled low and
CS is sampled low. All other synchronous inputs must meet the specified setup and hold times whenever this device is chip selected.
2. Both chip selects must be active whenever ADSC or ADSP is sampled low in order for the this device to remain enabled.
3. ADSC or ADSP must not be asserted for at least 2 Clock after leaving ZZ state.
Parameter
Symbol
KM732V599A-7
KM732V599A-8
KM732V599A-10
Unit
Min
Max
Min
Max
Min
Max
Cycle Time
tCYC
7.5
-
8.6
-
10
-
ns
Clock Access Time
tCD
-
4.5
-
5.0
-
5.0
ns
Output Enable to Data Valid
tOE
-
4.5
-
5.0
-
5.0
ns
Clock High to Output Low-Z
tLZC
0
-
0
-
0
-
ns
Output Hold from Clock High
tOH
1.5
-
1.5
-
1.5
-
ns
Output Enable Low to Output Low-Z
tLZOE
0
-
0
-
0
-
ns
Output Enable High to Output High-Z
tHZOE
-
4.0
-
4.0
-
4.0
ns
Clock High to Output High-Z
tHZC
1.5
5.0
1.5
5.0
1.5
5.0
ns
Clock High Pulse Width
tCH
2.5
-
2.5
-
3.0
-
ns
Clock Low Pulse Width
tCL
2.5
-
2.5
-
3.0
-
ns
Address Setup to Clock High
tAS
2.0
-
2.0
-
2.0
-
ns
Address Status Setup to Clock High
tSS
2.0
-
2.0
-
2.0
-
ns
Data Setup to Clock High
tDS
2.0
-
2.0
-
2.0
-
ns
Write Setup to Clock High (GW, BW, WEX)
tWS
2.0
-
2.0
-
2.0
-
ns
Address Advance Setup to Clock High
tADVS
2.0
-
2.0
-
2.0
-
ns
Chip Select Setup to Clock High
tCSS
2.0
-
2.0
-
2.0
-
ns
Address Hold from Clock High
tAH
0.5
-
0.5
-
0.5
-
ns
Address Status Hold from Clock High
tSH
0.5
-
0.5
-
0.5
-
ns
Data Hold from Clock High
tDH
0.5
-
0.5
-
0.5
-
ns
Write Hold from Clock High (GW, BW, WEX)
tWH
0.5
-
0.5
-
0.5
-
ns
Address Advance Hold from Clock High
tADVH
0.5
-
0.5
-
0.5
-
ns
Chip Select Hold from Clock High
tCSH
0.5
-
0.5
-
0.5
-
ns
ZZ High to Power Down
tPDS
2
-
2
-
2
-
cycle
ZZ Low to Power Up
tPUS
2
-
2
-
2
-
cycle


Número de pieza similar - KM732V599L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM732V595A SAMSUNG-KM732V595A Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V596A SAMSUNG-KM732V596A Datasheet
498Kb / 16P
   32Kx32 Synchronous SRAM
KM732V596L SAMSUNG-KM732V596L Datasheet
498Kb / 16P
   32Kx32 Synchronous SRAM
More results

Descripción similar - KM732V599L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V589L SAMSUNG-KM732V589L Datasheet
508Kb / 15P
   32Kx32 Synchronous SRAM
KM732V596L SAMSUNG-KM732V596L Datasheet
498Kb / 16P
   32Kx32 Synchronous SRAM
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
Samsung semiconductor
KM732V688 SAMSUNG-KM732V688 Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
K7A401800M SAMSUNG-K7A401800M Datasheet
408Kb / 15P
   256Kx18 Synchronous SRAM
KM718V887 SAMSUNG-KM718V887 Datasheet
470Kb / 16P
   256Kx18 Synchronous SRAM
KM732V689A SAMSUNG-KM732V689A Datasheet
493Kb / 15P
   64Kx32 Synchronous SRAM
KM736V689 SAMSUNG-KM736V689 Datasheet
437Kb / 15P
   64Kx36 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com