Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7232AK1B6 Datasheet(PDF) 10 Page - STMicroelectronics |
|
ST7232AK1B6 Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 154 page ST7232A 10/154 Notes: 1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up column (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, else the configuration is floating interrupt input. 2. In the open drain output column, “T” defines a true open drain I/O (P-Buffer and protection diode to VDD are not implemented). See See “I/O PORTS” on page 40. and Section 12.8 I/O PORT PIN CHARACTER- ISTICS for more details. 3. OSC1 and OSC2 pins connect a crystal/ceramic resonator, or an external source to the on-chip oscil- lator; see Section 1 INTRODUCTION and Section 12.5 CLOCK AND TIMING CHARACTERISTICS for more details. 4. On the chip, each I/O port has 8 pads. Pads that are not bonded to external pins are in input pull-up con- figuration after reset. The configuration of these pads must be kept at reset state to avoid added current consumption. 5. For details refer to Section 12.8.1 on page 126 15 18 PC7/SS/AIN15 I/O CT X XX X X Port C7 SPI Slave Select (ac- tive low) ADC Analog Input 15 16 19 PA3 (HS) I/O CT HS X ei0 X X Port A3 17 20 PA4 (HS) I/O CT HS X XX X Port A4 18 21 PA6 (HS) I/O CT HS X TPort A6 1) 19 22 PA7 (HS) I/O CT HS X TPort A7 1) 20 23 VPP /ICCSEL I Must be tied low. In the flash pro- gramming mode, this pin acts as the programming voltage input VPP. See Section 12.9.2 for more details. High voltage must not be applied to ROM devices. 21 24 RESET I/O CT Top priority non maskable interrupt. 22 25 VSS_2 S Digital Ground Voltage 23 26 OSC2 O Resonator oscillator inverter output 24 27 OSC1 I External clock input or Resonator os- cillator inverter input 25 28 VDD_2 S Digital Main Supply Voltage 26 29 PE0/TDO I/O CT X X X X Port E0 SCI Transmit Data Out 27 30 PE1/RDI I/O CT X X X X Port E1 SCI Receive Data In 28 31 PB0 I/O CT X ei2 X X Port B0 Caution: Negative cur- rent injection not al- lowed on this pin5) 29 32 PB3 I/O CT X ei2 X X Port B3 30 1 PB4 (HS) I/O CT HS X ei3 X X Port B4 31 2 PD0/AIN0 I/O CT X X X X X Port D0 ADC Analog Input 0 32 3 PD1/AIN1 I/O CT X X X X X Port D1 ADC Analog Input 1 Pin N° Pin Name Level Port Main function (after reset) Alternate Function Input Output 1 |
Número de pieza similar - ST7232AK1B6 |
|
Descripción similar - ST7232AK1B6 |