Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5258BUR Datasheet(PDF) 3 Page - Microsemi Corporation

No. de pieza 1N5258BUR
Descripción Electrónicos  500 mW GLASS SURFACE MOUNT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5258BUR Datasheet(HTML) 3 Page - Microsemi Corporation

  1N5258BUR Datasheet HTML 1Page - Microsemi Corporation 1N5258BUR Datasheet HTML 2Page - Microsemi Corporation 1N5258BUR Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
500 mW GLASS SURFACE MOUNT
ZENER DIODES
S C O T T S DA L E D I V I SI ON
1N5221UR thru 1N5281BUR, e3
(or MLL5221 thru MLL5281B, e3)
NOTE 1:
Table as shown lists type numbers, which indicate a tolerance of +/-20% with guaranteed limits on only
VZ, IR, and VF. Devices with
guaranteed limits on all six parameters are indicated by suffix “A” for +/-10%, “B” for +/-5%, “C” for +/-2%, and “D” for +/-1% tolerance.
NOTE 2:
The electrical characteristics are measured after allowing the device to stabilize for 20 seconds.
NOTE 3:
Temperature coefficient ( vz). Test conditions for temperature coefficient are as follows:
a.
IZT = 7.5 mA, T1 = 25oC,
T2 = 125
oC (1N5221AUR & BUR thru 1N5242AUR & BUR)
b.
IZT = Rated IZT, T1 = 25oC,
T2 = 125oC (1N5243AUR & BUR thru 1N5281AUR & BUR)
Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature.
NOTE 4: These devices may be ordered as either 1N5221UR thru 1N5281BUR or as MLL5221 thru MLL5281B part numbers.
GRAPHS
Microsemi
Scottsdale Division
Page 3
Copyright
2005
8-29-2005 REV B
TEC – End Cap Temperature (
oC), or
TA Ambient Temperature on FR4 PC BOARD
NOMINAL ZENER VOLTAGE (VOLTS)
Voltage Temperature
Coefficient %/
oC
TEC
TA
mV Change /ºC
FIGURE 1
FIGURE 2
POWER DERATING CURVE
ZENER VOLTAGE TEMPERATURE
COEFFICIENT vs. ZENER VOLTAGE
PACKAGE DIMENSIONS
PAD LAYOUT
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.063
0.067
1.60
1.70
B
0.130
0.146
3.30
3.70
C
0.016
0.022
0.41
0.55
INCHES
mm
A
.200
5.08
B
.055
1.40
C
.080
2.03
FIGURE 3
CAPACITANCE vs. ZENER VOLTAGE
(TYPICAL)
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Número de pieza similar - 1N5258BUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N5258BUR-1 MICROSEMI-1N5258BUR-1 Datasheet
405Kb / 6P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 500 mW ZENERS
Rev. 1
More results

Descripción similar - 1N5258BUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
1N4614UR-1 MICROSEMI-1N4614UR-1_V01 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
   500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
1N5248C MICROSEMI-1N5248C Datasheet
199Kb / 3P
   500 mW GLASS AXIAL-LEAD ZENER DIODES
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com