Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10H352 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC10H352
Descripción Electrónicos  Quad CMOS to PECL* Translator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H352 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10H352 Datasheet HTML 1Page - ON Semiconductor MC10H352 Datasheet HTML 2Page - ON Semiconductor MC10H352 Datasheet HTML 3Page - ON Semiconductor MC10H352 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10H352
2–97
MOTOROLA
MECL Data
DL122 — Rev 6
AC PARAMETERS
0
°
25
°
75
°
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Propagation Delay (1)
tpd
0.4
1.9
0.4
2.0
0.4
2.1
ns
Rise Time (20% to 80%)
tr
0.4
1.9
0.4
2.0
0.4
2.1
ns
Fall Time (80% to 20%)
tf
0.4
1.9
0.4
2.0
0.4
2.1
ns
Maximum Operating Frequency
fmax
150
150
150
MHz
(1) Propagation delay is measured on this circuit from VCC/2 on the input waveform to the 50% point on the output waveform.
NOTE:
Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. Outputs are terminated through
a 50–ohm resistor to VCC – 2.0 Vdc.


Número de pieza similar - MC10H352

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352 Datasheet
135Kb / 6P
   Quad CMOS to PECL Translator
February, 2006 ??Rev. 7
MC10H352FN ONSEMI-MC10H352FN Datasheet
135Kb / 6P
   Quad CMOS to PECL Translator
February, 2006 ??Rev. 7
MC10H352FNG ONSEMI-MC10H352FNG Datasheet
135Kb / 6P
   Quad CMOS to PECL Translator
February, 2006 ??Rev. 7
MC10H352FNR2 ONSEMI-MC10H352FNR2 Datasheet
135Kb / 6P
   Quad CMOS to PECL Translator
February, 2006 ??Rev. 7
MC10H352FNR2G ONSEMI-MC10H352FNR2G Datasheet
135Kb / 6P
   Quad CMOS to PECL Translator
February, 2006 ??Rev. 7
More results

Descripción similar - MC10H352

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352_06 Datasheet
135Kb / 6P
   Quad CMOS to PECL Translator
February, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10H352 MICREL-SY10H352 Datasheet
59Kb / 5P
   QUAD CMOS-to-PECL TRANSLATOR
logo
ON Semiconductor
MC10H351 ONSEMI-MC10H351 Datasheet
101Kb / 4P
   Quad TTL/NMOS to PECL Translator
1996 REV 5
MC10H351 ONSEMI-MC10H351_16 Datasheet
128Kb / 5P
   Quad TTL/NMOS to PECL Translator
August, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY10H351 MICREL-SY10H351_06 Datasheet
59Kb / 5P
   QUAD TTL/NMOS-to-PECL TRANSLATOR
SY10H351 MICREL-SY10H351 Datasheet
60Kb / 4P
   QUAD TTL/NMOS-to-PECL TRANSLATOR
logo
Arizona Microtek, Inc
AZ10ELT22 AZM-AZ10ELT22_08 Datasheet
72Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ10ELT20 AZM-AZ10ELT20_08 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ100ELT21 ETC1-AZ100ELT21 Datasheet
146Kb / 5P
   Differential PECL to CMOS/TTL Translator
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com