Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZY97C20GP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza BZY97C20GP
Descripción Electrónicos  1.5 W Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

BZY97C20GP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BZY97C20GP Datasheet HTML 1Page - List of Unclassifed Manufacturers BZY97C20GP Datasheet HTML 2Page - List of Unclassifed Manufacturers BZY97C20GP Datasheet HTML 3Page - List of Unclassifed Manufacturers BZY97C20GP Datasheet HTML 4Page - List of Unclassifed Manufacturers BZY97C20GP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type
(mA)
(V)
Zener
Voltage
Range
V
Z at IZT
(% /
oC)
(
Ω)
(V)
BZY97C10 GP
BZY97C11 GP
BZY97C12 GP
BZY97C13 GP
BZY97C15 GP
BZY97C16 GP
BZY97C18 GP
BZY97C20 GP
BZY97C22 GP
BZY97C24 GP
BZY97C27 GP
BZY97C30 GP
BZY97C33 GP
BZY97C36 GP
BZY97C39 GP
BZY97C43 GP
BZY97C47 GP
BZY97C51 GP
BZY97C56 GP
BZY97C62 GP
BZY97C68 GP
BZY97C75 GP
BZY97C82 GP
BZY97C91 GP
BZY97C100 GP
BZY97C110 GP
BZY97C120 GP
BZY97C130 GP
BZY97C150 GP
BZY97C160 GP
BZY97C180 GP
BZY97C200 GP
9.4 - 10.6
10.4 - 11.6
11.4 - 12.7
12.4 - 14.1
13.8 - 15.8
15.3 - 17.1
16.8 - 19.1
18.8 - 21.2
20.8 - 23.3
22.8 - 25.6
25.1 - 28.9
28 - 32
31 - 35
34 - 38
37 - 41
40 - 46
44 - 50
48 - 54
52 - 60
58 - 66
64 - 72
70 - 79
77 - 88
85 - 96
94 - 106
104 - 116
114 - 127
124 - 141
138 - 156
153 - 171
168 - 191
188 - 212
Maximum
Zener
Impedance
Z
ZT at IZT
Typical
Temperature
Coefficient
at I
ZT
Test
Current
I
ZT
Min. Reverse
Voltage
at
I
R = 1µ A
V
R
4
7
7
10
10
15
15
15
15
15
15
15
15
40
40
45
45
60
60
80
80
100
100
200
200
250
250
300
300
350
350
350
+ 0.070
+ 0.075
+ 0.075
+ 0.075
+ 0.075
+ 0.085
+ 0.085
+ 0.085
+ 0.085
+ 0.085
+ 0.085
+ 0.085
+ 0.085
+ 0.085
+ 0.085
+ 0.095
+ 0.095
+ 0.095
+ 0.095
+ 0.105
+ 0.105
+ 0.105
+ 0.105
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
50
50
50
50
50
25
25
25
25
25
25
25
25
10
10
10
10
10
10
10
10
10
10
5
5
5
5
5
5
5
5
5
5.0
5.0
7.0
7.0
10
10
10
10
12
12
14
14
17
17
20
20
24
24
28
28
34
34
41
41
50
50
60
60
75
75
90
90
BZY97 GP
Oct - 02


Número de pieza similar - BZY97C20GP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Galaxy Semi-Conductor H...
BZY97C20 BILIN-BZY97C20 Datasheet
239Kb / 5P
   ZENER DIODES
logo
Shenzhen Taychipst Elec...
BZY97C20 TAYCHIPST-BZY97C20 Datasheet
3Mb / 3P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
BZY97C20 SUNMATE-BZY97C20 Datasheet
141Kb / 2P
   1.5Watts Axial leaded Zener Diodes
BZY97C20 SUNMATE-BZY97C20 Datasheet
601Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
BZY97C20 LUGUANG-BZY97C20 Datasheet
2Mb / 5P
   Zener Diodes
More results

Descripción similar - BZY97C20GP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
logo
Microsemi Corporation
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
JANS1N6490US MICROSEMI-JANS1N6490US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
logo
Compensated Deuices Inc...
1N6485 CDI-DIODE-1N6485 Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5913A NJSEMI-1N5913A Datasheet
93Kb / 1P
   1.5 WATTS ZENER DIODES
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
logo
Micro Commercial Compon...
1EZ110D5 MCC-1EZ110D5_16 Datasheet
260Kb / 4P
   1.0 W Silicon Zener Diodes Zener Diodes
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com