Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10SX1125 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC10SX1125
Descripción Electrónicos  FIBER OPTIC POST AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1125 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10SX1125 Datasheet HTML 1Page - ON Semiconductor MC10SX1125 Datasheet HTML 2Page - ON Semiconductor MC10SX1125 Datasheet HTML 3Page - ON Semiconductor MC10SX1125 Datasheet HTML 4Page - ON Semiconductor MC10SX1125 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 1
© Motorola, Inc. 1996
5/96
622Mb/s Fiber Optic Post
Amplifier
The SX1125 is an integrated limiting amplifier for high frequency fiber
optic applications. The device interfaces directly to the trans–impedance
amplifier of a typical optical to electrical conversion portion of a fiber optic
link. With data rate capabilities in the 622Mb/s range, the high gain
limiting amplification of the SX1125 is ideal for high speed fiber optic
applications like SONET/SDM, ATM, FDDI, Fibre Channel or Serial Hippi.
The device is functionally and pin compatible to the Signetics SA5225
with a significantly higher bandwidth. The CAZP and CAZN inputs to the
limiting amplifier provide an auto-zero function to effectively cancel any
input offset voltage present in the amplifier.
The SX1125 incorporates a programmable level detect function to
identify when the input signal has been lost. This information can be fed
back to the Disable input of the device to maintain stability under loss of
signal conditions. Using the Vset pin the sensitivity of the level detect can
be adjusted. The CLD input is used to filter the level detect input so that
random noise spikes are filtered out.
The MC10SX1125 is compatible with MECL10H logic levels.
Wideband Operation: 20kHz to 550MHz
Programmable Input Signal Level Detection
Operation with single +5V or standard ECL supply
Standard 16-lead SOIC Package
Fully Differential Design to Minimize Noise Affects
10KH Compatible
BLOCK DIAGRAM
LOS
LOS
Dout
Dout
Reference
ECL
Buffer
Level
Detect
Limiting
Amplifier
ECL
Buffer
Disable
Disable
CLD
Din
Din
Vref
Vset
CAZP CAZN
15
16
14
13
12
11
10
2
1
34567
Vset
9
8
Vref VCCE Dout Dout GNDE LOS
LOS
CAZN CAZP GNDA Din
Din VCCA CLD Disable
Pinout: 16-Lead Plastic Package
(Top View)
MC10SX1125
FIBER OPTIC
POST AMPLIFIER
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751B-05


Número de pieza similar - MC10SX1125

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
106Kb / 8P
   LED DRIVER
1996 REV 1
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130D ONSEMI-MC10SX1130D Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DG ONSEMI-MC10SX1130DG Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DR2 ONSEMI-MC10SX1130DR2 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
More results

Descripción similar - MC10SX1125

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1577Q SONY-CXB1577Q Datasheet
339Kb / 22P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1572Q SONY-CXB1572Q Datasheet
300Kb / 16P
   Post amplifier for Optical Fiber Communication Receiver
CXB1577R SONY-CXB1577R Datasheet
328Kb / 21P
   Post-Amplifier for Optical Fiber Communication Receiver
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
   Post Amplifier for Optical Fiber Communication Receiver
logo
Carlo Gavazzi Holding A...
FA1 CARLOGAVAZZI-FA1 Datasheet
914Kb / 5P
   Fiber Optic Sensor Amplifier Type FA1
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Emcore Corporation
PONA-3027-SC-01-P-AC EMCORE-PONA-3027-SC-01-P-AC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Emcore Corporation
MAFA-1014-SC1-00-S-1 EMCORE-MAFA-1014-SC1-00-S-1_13 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com