Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14007 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC14007
Descripción Electrónicos  Dual Complementary Pair Plus Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14007 Datasheet(HTML) 6 Page - ON Semiconductor

  MC14007 Datasheet HTML 1Page - ON Semiconductor MC14007 Datasheet HTML 2Page - ON Semiconductor MC14007 Datasheet HTML 3Page - ON Semiconductor MC14007 Datasheet HTML 4Page - ON Semiconductor MC14007 Datasheet HTML 5Page - ON Semiconductor MC14007 Datasheet HTML 6Page - ON Semiconductor MC14007 Datasheet HTML 7Page - ON Semiconductor MC14007 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC14007UB
http://onsemi.com
6
PACKAGE DIMENSIONS
P SUFFIX
PLASTIC DIP PACKAGE
CASE 646–06
ISSUE M
17
14
8
B
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.715
0.770
18.16
18.80
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
F
0.040
0.070
1.02
1.78
G
0.100 BSC
2.54 BSC
H
0.052
0.095
1.32
2.41
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
M
–––
10
–––
10
N
0.015
0.039
0.38
1.01
__
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
F
HG
D
K
C
SEATING
PLANE
N
–T–
14 PL
M
0.13 (0.005)
L
M
J
0.290
0.310
7.37
7.87
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751A–03
ISSUE F
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
–A–
–B–
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
–T–
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__


Número de pieza similar - MC14007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MC14007N ETC-MC14007N Datasheet
150Kb / 2P
   8-function calculator unit co-operating with LED display
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB Datasheet
154Kb / 9P
   Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
MC14007UB ONSEMI-MC14007UB Datasheet
121Kb / 7P
   Dual Complementary Pair Plus Inverter
July, 2014 ??Rev. 11
MC14007UBCP ONSEMI-MC14007UBCP Datasheet
154Kb / 9P
   Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
MC14007UBCPG ONSEMI-MC14007UBCPG Datasheet
154Kb / 9P
   Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
More results

Descripción similar - MC14007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4007UBF3A TI-CD4007UBF3A Datasheet
238Kb / 5P
[Old version datasheet]   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
   Dual Complementary Pair Plus Inverter
logo
National Semiconductor ...
CD4007M NSC-CD4007M Datasheet
100Kb / 4P
   Dual Complementary Pair Plus Inverter
logo
Hitachi Semiconductor
HD14007UB HITACHI-HD14007UB Datasheet
76Kb / 5P
   Dual Complementary Pair plus Inverter
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_14 Datasheet
121Kb / 7P
   Dual Complementary Pair Plus Inverter
July, 2014 ??Rev. 11
logo
STMicroelectronics
HCF4007UB STMICROELECTRONICS-HCF4007UB Datasheet
124Kb / 9P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Micro Electronics
MMC4007 MICRO-ELECTRONICS-MMC4007 Datasheet
106Kb / 4P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
STMicroelectronics
HCC4007UB STMICROELECTRONICS-HCC4007UB Datasheet
309Kb / 14P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_06 Datasheet
154Kb / 9P
   Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
logo
Intersil Corporation
CD4007UBMS INTERSIL-CD4007UBMS Datasheet
104Kb / 9P
   CMOS Dual Complementary Pair Plus Inverter
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com