Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC1404P5 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC1404P5
Descripción Electrónicos  PRECISION LOW DRIFT VOLTAGE REFERENCES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1404P5 Datasheet(HTML) 3 Page - ON Semiconductor

  MC1404P5 Datasheet HTML 1Page - ON Semiconductor MC1404P5 Datasheet HTML 2Page - ON Semiconductor MC1404P5 Datasheet HTML 3Page - ON Semiconductor MC1404P5 Datasheet HTML 4Page - ON Semiconductor MC1404P5 Datasheet HTML 5Page - ON Semiconductor MC1404P5 Datasheet HTML 6Page - ON Semiconductor MC1404P5 Datasheet HTML 7Page - ON Semiconductor MC1404P5 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC1404
3
MOTOROLA ANALOG IC DEVICE DATA
TYPICAL CHARACTERISTICS
1.6
1.4
1.2
1.0
0.8
0.6
0.4
TA, AMBIENT TEMPERATURE (°C)
0
0.2
30
90
80
0.01
0.1
100
1.0
40
20
50
60
70
f, FREQUENCY (kHz)
10
1000
21.3 V
0.1
µF
500
µF
HP209A
+
3.0 Vrms
+
1.0 k
2
6
DUT
4
HP3400A
Set Node to
20 V Average
9.96
10.04
10.02
010
20
30
40
50
60
9.94
0
9.98
10.00
TA, AMBIENT TEMPERATURE (°C)
Figure 2. Simplified Device Diagram
0
2.5
2.0
1.5
1.0
10
60
20
0.5
50
70
040
TA, AMBIENT TEMPERATURE (°C)
30
Figure 3. Line Regulation versus Temperature
Figure 4. Output Voltage versus Temperature
MC1404P10
+
1.25 k
5.0 k
TRIM
VTEMP
R
Vout
R
3.75 k
5.0 k
8.75 k
Vo
5.0 V
6.25 V
10 V
Figure 5. Load Regulation versus Temperature
0
0.010
0.008
0.006
0.004
0.002
TA, AMBIENT TEMPERATURE (°C)
Figure 6. Power Supply Rejection Ratio
versus Frequency
Figure 7. Quiescent Current versus Temperature
Vin = Vref + 2.5 V to 40 V
Iout = 0 mA
70
10
60
20
50
70
040
30
Load Change 0 to 10 mA
10
60
20
50
70
040
30
Vin = 15 V
Iout = 0 mA
2
3
5
4
6
Vin


Número de pieza similar - MC1404P5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14040 ONSEMI-MC14040 Datasheet
215Kb / 8P
   12-Bit Binary Counter
March, 2000 ??Rev. 3
MC14040B ONSEMI-MC14040B Datasheet
215Kb / 8P
   12-Bit Binary Counter
March, 2000 ??Rev. 3
MC14040B ONSEMI-MC14040B Datasheet
119Kb / 8P
   12?묪it Binary Counter
August, 2005 ??Rev. 7
MC14040B ONSEMI-MC14040B Datasheet
157Kb / 9P
   12-Bit Binary Counter
April, 2013 ??Rev. 10
MC14040B ONSEMI-MC14040B Datasheet
128Kb / 8P
   12-Bit Binary Counter
August, 2014 ??Rev. 11
More results

Descripción similar - MC1404P5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC6655 LINER-LTC6655_15 Datasheet
675Kb / 26P
   0.25ppm Noise, Low Drift Precision References
logo
Maxim Integrated Produc...
MAX676 MAXIM-MAX676 Datasheet
774Kb / 12P
   CALIBRATED, LOW-DRIFT, 4,096V/5V/10V PRECISION VOLTAGE REFERENCES
Rev 1; 11/94
MAX873 MAXIM-MAX873_07 Datasheet
384Kb / 12P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
MAX873 MAXIM-MAX873 Datasheet
298Kb / 8P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
logo
Analog Devices
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
logo
Texas Instruments
REF3425-Q1 TI1-REF3425-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Drift, Low-Power, Small-Footprint Series Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com