Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC14046BDW Datasheet(PDF) 2 Page - ON Semiconductor |
|
MC14046BDW Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 7 page MOTOROLA CMOS LOGIC DATA MC14046B 2 MAXIMUM RATINGS* (Voltages Referenced to VSS) Rating Symbol Value Unit DC Supply Voltage VDD – 0.5 to + 18 Vdc Input Voltage, All Inputs Vin – 0.5 to VDD + 0.5 Vdc DC Input Current, per Pin Iin ± 10 mAdc Power Dissipation, per Package† PD 500 mW Operating Temperature Range TA – 55 to + 125 _C Storage Temperature Range Tstg – 65 to + 150 _C * Maximum Ratings are those values beyond which damage to the device may occur. †Temperature Derating: Plastic “P and D/DW” Packages: – 7.0 mW/ _C From 65_C To 125_C Ceramic “L” Packages: – 12 mW/ _C From 100_C To 125_C ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS) Ch i i Sb l VDD – 55 _C 25 _C 125 _C Ui Characteristic Symbol DD Vdc Min Max Min Typ Max Min Max Unit Output Voltage “0” Level Vin = VDD or 0 VOL 5.0 10 15 — — — 0.05 0.05 0.05 — — — 0 0 0 0.05 0.05 0.05 — — — 0.05 0.05 0.05 Vdc “1” Level Vin = 0 or VDD VOH 5.0 10 15 4.95 9.95 14.95 — — — 4.95 9.95 14.95 5.0 10 15 — — — 4.95 9.95 14.95 — — — Vdc Input Voltage # “0” Level (VO = 4.5 or 0.5 Vdc) (VO = 9.0 or 1.0 Vdc) (VO = 13.5 or 1.5 Vdc) VIL 5.0 10 15 — — — 1.5 3.0 4.0 — — — 2.25 4.50 6.75 1.5 3.0 4.0 — — — 1.5 3.0 4.0 Vdc (VO = 0.5 or 4.5 Vdc) “1” Level (VO = 1.0 or 9.0 Vdc) (VO = 1.5 or 13.5 Vdc) VIH 5.0 10 15 3.5 7.0 11 — — — 3.5 7.0 11 2.75 5.50 8.25 — — — 3.5 7.0 11 — — — Vdc Output Drive Current (VOH = 2.5 Vdc) Source (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) IOH 5.0 5.0 10 15 – 1.2 – 0.25 – 0.62 – 1.8 — — — — – 1.0 – 0.2 – 0.5 – 1.5 – 1.7 – 0.36 – 0.9 – 3.5 — — — — – 0.7 – 0.14 – 0.35 – 1.1 — — — — mAdc (VOL = 0.4 Vdc) Sink (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) IOL 5.0 10 15 0.64 1.6 4.2 — — — 0.51 1.3 3.4 0.88 2.25 8.8 — — — 0.36 0.9 2.4 — — — mAdc Input Current Iin 15 — ± 0.1 — ±0.00001 ± 0.1 — ± 1.0 µAdc Input Capacitance Cin — — — — 5.0 7.5 — — pF Quiescent Current (Per Package) Inh = PCAin = VDD, Zener = VCOin = 0 V, PCBin = VDD or 0 V, Iout = 0 µA IDD 5.0 10 15 — — — 5.0 10 20 — — — 0.005 0.010 0.015 5.0 10 20 — — — 150 300 600 µAdc Total Supply Current† (Inh = “0”, fo = 10 kHz, CL = 50 pF, R1 = 1.0 M Ω, R2 = R RSF = ∞, and 50% Duty Cycle) IT 5.0 10 15 IT = (1.46 µA/kHz) f + IDD IT = (2.91 µA/kHz) f + IDD IT = (4.37 µA/kHz) f + IDD mAdc #Noise immunity specified for worst–case input combination. Noise Margin for both “1” and “0” level = 1.0 Vdc min @ VDD = 5.0 Vdc 2.0 Vdc min @ VDD = 10 Vdc 2.5 Vdc min @ VDD = 15 Vdc †To Calculate Total Current in General: IT [ 2.2 x VDD + 1 x 10–3 (CL + 9) VDD f + VCOin – 1.65 + VDD – 1.35 3/4 R1 R2 VCOin – 1.65 3/4 + 1.6 x where: IT in µA, CL in pF, VCOin, VDD in Vdc, f in kHz, and R1, R2, RSF in MΩ, CL on VCOout. RSF 1 x 10–1 VDD2 100% Duty Cycle of PCAin 100 + IQ |
Número de pieza similar - MC14046BDW |
|
Descripción similar - MC14046BDW |