Nombre de pieza
         Descripción
2N917

 Small Signal NPN Transistors / Dual Transistors ( 1 Page)


CENTRAL
100% 
Zoom Out Zoom In
   
 1 page
background image
Small Signal NPN Transistors
TO-72 Case
69
www.centralsemi.com
Dual Transistors
TO-71 Case
PD @ TA=25
oC=360mW Total (Both Die Equal Power)
TYPENO.
DESCRIPTION
VCBO VCEO VEBO ICBO @VCB
hFE
@ IC @ VCE VCE (SAT) @ IC
fT
Cob
(V)
(V)
(V)
(
µµA)
(V)
(mA)
(V)
(V)
(mA)
(MHz)
*Ccb
(pF)
MIN
MIN
MIN
MAX
MIN
MAX
MAX
MIN
MAX
2N917
RF/IF OSCILLATOR
30
15
3.0
0.001
15
20
- -
3.0
1.0
0.5
3.0
500
1.7
2N917A
RF/IF OSCILLATOR
30
15
3.0
- -
- -
20
200
3.0
10
- -
- -
600
1.7
2N918
RF/IF OSCILLATOR
30
15
3.0
0.01
15
20
- -
3.0
1.0
0.4
10
600
1.7
2N998
DARLINGTON
100
60
15
0.01
90
1,600 8,000
10
5.0
1.8
100
60
30
2N2857
VHF/UHF OSC
30
15
2.5
0.01
15
30
150
3.0
1.0
- -
- -
1,000
1.0*
2N2865
RF/IF OSCILLATOR
25
13
3.0
0.01
15
20
200
4.0
10
0.4
10
600
2.5
2N3478
VHF/UHF LOW NOISE
30
15
2.0
0.02
1.0
25
150
2.0
8.0
- -
- -
750
1.0*
2N3839
VHF/UHF AMPL/OSC
30
15
2.5
0.01
15
30
150
3.0
1.0
- -
- -
1,000
1.0*
2N5179
VHF/UHF AMPL/OSC
20
12
2.5
0.02
15
25
250
3.0
1.0
0.4
10
900
1.0*
BFY90
VHF/UHF AMPL/OSC
30
15
2.5
0.01
15
20
125
25
1.0
- -
- -
1,000
1.5*
Shaded areas indicate Darlington.
TYPENO.
DESCRIPTION
VCBO VCEO VEBO ICBO @VCB
hFE
@ IC @ VCE VCE (SAT) @ IC
MATCHING
(V)
(V)
(V)
(nA)
(V)
(mA)
(V)
(V)
(mA)
hFE
VBE
MIN
MIN
MIN
MAX
MIN
MAX
MAX
%
(mV)
CEN741
NPN LOW NOISE
45
45
6.0
10
45
150
600
0.01
5.0
0.35
1.0
20
5.0
CEN832
PNP LOW NOISE
60
60
5.0
10
50
150
450
1.0
5.0
0.25
1.0
20
5.0
1 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CMLT2222ASURFACE MOUNT PICOmini DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS 1 2 Central Semiconductor Corp
CMLT5551SURFACE MOUNT PICOmini DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS 1 2 Central Semiconductor Corp
CMKT2222AULTRAminiTM SURFACE MOUNT DUAL NPN SMALL SIGNAL SWITCHING TRANSISTORS 1 2 Central Semiconductor Corp
2N3838NPN/PNP SILICON COMPLEMENTARY SMALL SIGNAL DUAL 1 2 Microsemi Corporation
BC847SMALL SIGNAL NPN TRANSISTORS 1 2 3 4 STMicroelectronics
DDC124EKNPN PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR 1 2 3 4 5 Diodes Incorporated
CP353VSmall Signal Transistors NPN - High Current Transistor Chip 1 Central Semiconductor Corp
MMBTA06Small Signal Transistors NPN 1 2 General Semiconductor
BCW66SMALL SIGNAL NPN TRANSISTORS 1 2 3 4 STMicroelectronics

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl