Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L799EGW Datasheet(PDF) 3 Page - Kingbright Corporation

No. de pieza L799EGW
Descripción Electrónicos  8mm BI-COLOR INDICATOR LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L799EGW Datasheet(HTML) 3 Page - Kingbright Corporation

  L799EGW Datasheet HTML 1Page - Kingbright Corporation L799EGW Datasheet HTML 2Page - Kingbright Corporation L799EGW Datasheet HTML 3Page - Kingbright Corporation L799EGW Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: CDA0798
REV NO: V.1
DATE: NOV/18/2001
PAGE: 3 OF 4
APPROVED: J.LU
CHECKED:
DRAWN: Y.F.XU
High Efficiency Red / Green L799EGW
Absolute Maximum Ratings at T)=25°°°°°C
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
h
g
i
Hh
g
i
H h
g
i
H h
g
i
Hh
g
i
H
y
c
n
e
i
c
if
f
E
d
e
R
n
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
G
r
e
p
u
Sr
e
p
u
S
r
e
p
u
S
r
e
p
u
Sr
e
p
u
S
t
h
g
ir
B
d
e
R
r
e
p
u
Sr
e
p
u
S
r
e
p
u
S
r
e
p
u
Sr
e
p
u
S
t
h
g
ir
B
n
e
e
r
G
r
e
p
y
Hr
e
p
y
H
r
e
p
y
H
r
e
p
y
Hr
e
p
y
H
d
e
R
a
g
e
Ma
g
e
M a
g
e
M a
g
e
Ma
g
e
M
n
e
e
r
G
s
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P5
0
15
0
10
0
15
0
10
7
15
0
1W
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
C
D0
35
20
35
20
30
3A
m
]
1
[
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P0
6
10
4
15
5
10
4
15
8
15
0
2A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
555555
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.


Número de pieza similar - L799EGW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Visual Communications C...
L79 VCC-L79 Datasheet
590Kb / 2P
   LED Indicator lights mounting hole
logo
STMicroelectronics
L79 STMICROELECTRONICS-L79 Datasheet
652Kb / 28P
   Negative voltage regulators
June 2014 Rev 22
L7900 STMICROELECTRONICS-L7900 Datasheet
445Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L7900AC STMICROELECTRONICS-L7900AC Datasheet
93Kb / 11P
   2% NEGATIVE VOLTAGE REGULATORS
L7900AC STMICROELECTRONICS-L7900AC Datasheet
352Kb / 13P
   2% NEGATIVE VOLTAGE REGULATORS
More results

Descripción similar - L799EGW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
WP799SRSGW-CC KINGBRIGHT-WP799SRSGW-CC Datasheet
462Kb / 7P
   8mm BI-COLOR INDICATOR LAMP
logo
SunLED Corporation
LMRMG81MCC SUNLED-LMRMG81MCC Datasheet
206Kb / 5P
   8mm BI-COLOR INDICATOR LAMP
LUGR81M SUNLED-LUGR81M Datasheet
200Kb / 5P
   8mm BI-COLOR INDICATOR LAMP
LUGY81M SUNLED-LUGY81M Datasheet
203Kb / 5P
   8mm BI-COLOR INDICATOR LAMP
logo
Kingbright Corporation
WP799SURKMGKW KINGBRIGHT-WP799SURKMGKW Datasheet
455Kb / 7P
   8mm BI-COLOR INDICATOR LAMP
WP799EGW KINGBRIGHT-WP799EGW Datasheet
462Kb / 7P
   8mm BI-COLOR INDICATOR LAMP
L469EGW KINGBRIGHT-L469EGW Datasheet
146Kb / 5P
   T-1 BI COLOR INDICATOR LAMPS
logo
List of Unclassifed Man...
L115VEGW ETC-L115VEGW Datasheet
122Kb / 4P
   T-A BI COLOR INDICATOR LAMPS
L819 ETC-L819 Datasheet
181Kb / 6P
   10MM BI-POLAR AND BI COLOR INDICATOR LAMPS
logo
Kingbright Corporation
L-937 KINGBRIGHT-L-937 Datasheet
186Kb / 6P
   T-1(3MM) BI-COLOR INDICATOR LAMPS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com