Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC14070BDR2G Datasheet(PDF) 5 Page - ON Semiconductor |
|
MC14070BDR2G Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 6 page MC14070B, MC14077B http://onsemi.com 5 PACKAGE DIMENSIONS PDIP−14 P SUFFIX CASE 646−06 ISSUE N 17 14 8 B A DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.715 0.770 18.16 18.80 B 0.240 0.260 6.10 6.60 C 0.145 0.185 3.69 4.69 D 0.015 0.021 0.38 0.53 F 0.040 0.070 1.02 1.78 G 0.100 BSC 2.54 BSC H 0.052 0.095 1.32 2.41 J 0.008 0.015 0.20 0.38 K 0.115 0.135 2.92 3.43 L M −−− 10 −−− 10 N 0.015 0.039 0.38 1.01 __ NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. F HG D K C SEATING PLANE N −T− 14 PL M 0.13 (0.005) L M J 0.290 0.310 7.37 7.87 SOIC−14 D SUFFIX CASE 751A−03 ISSUE G NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. −A− −B− G P 7 PL 14 8 7 1 M 0.25 (0.010) B M S B M 0.25 (0.010) A S T −T− F R X 45 SEATING PLANE D 14 PL K C J M _ DIM MIN MAX MIN MAX INCHES MILLIMETERS A 8.55 8.75 0.337 0.344 B 3.80 4.00 0.150 0.157 C 1.35 1.75 0.054 0.068 D 0.35 0.49 0.014 0.019 F 0.40 1.25 0.016 0.049 G 1.27 BSC 0.050 BSC J 0.19 0.25 0.008 0.009 K 0.10 0.25 0.004 0.009 M 0 7 0 7 P 5.80 6.20 0.228 0.244 R 0.25 0.50 0.010 0.019 __ __ |
Número de pieza similar - MC14070BDR2G |
|
Descripción similar - MC14070BDR2G |