Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4361-DZZ Datasheet(PDF) 11 Page - Cirrus Logic

No. de pieza CS4361-DZZ
Descripción Electrónicos  20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4361-DZZ Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4361-DZZ Datasheet HTML 7Page - Cirrus Logic CS4361-DZZ Datasheet HTML 8Page - Cirrus Logic CS4361-DZZ Datasheet HTML 9Page - Cirrus Logic CS4361-DZZ Datasheet HTML 10Page - Cirrus Logic CS4361-DZZ Datasheet HTML 11Page - Cirrus Logic CS4361-DZZ Datasheet HTML 12Page - Cirrus Logic CS4361-DZZ Datasheet HTML 13Page - Cirrus Logic CS4361-DZZ Datasheet HTML 14Page - Cirrus Logic CS4361-DZZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
CS4361
DS672A2
11
3. TYPICAL CONNECTION DIAGRAM
DEM/SCLK
14
Audio
Data
Processor
External Clock
MCLK
GND
CS4361
SDIN1
LRCK
VL
AOUT1
6
2
5
7
1
0.1 µF
+
1µF
19
Audio Output
+3.3 V to +5 V
3.3 µF
10 k
C
470
+
R+ 470
C=
4
πFs(R
470)
Rext
ext
ext
0.1 µF
33µF
10
VQ
FILT+
11
Note*
Note* = This circuitry is intended for applications where the CS4361 connects
directly to an unbalanced output of the design. For internal routing applications
please see the DAC analog output characteristics for loading limitations.
For best 20 kHz response
SDIN2
3
SDIN3
4
20
MUTEC
AOUT2 18
AOUT3 17
AOUT4 16
AOUT5 13
AOUT6 12
Optional
Muting
Circuit
RST
8
µControler
MODE
9
+1.8 V to +5 V
VA
15
VL
GND
LRCK
LJ
RJ16
RJ24
I2S
MCLK
µF
*3.3
µF
*10
*Popguard ramp can be adjusted by selecting
this capacitor value to be 3.3 µF to give 250 ms
ramp time or 10 µF to give a 420 ms ramp time.
or
Figure 6. Recommended Connection Diagram


Número de pieza similar - CS4361-DZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4361-CZZ CIRRUS-CS4361-CZZ Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
More results

Descripción similar - CS4361-DZZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS4360 CIRRUS-CS4360_04 Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4360 CIRRUS-CS4360 Datasheet
875Kb / 36P
   24-Bit, 192 kHz 6 Channel D/A Converter?
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
logo
Suzhou Everest Semicond...
ES7145LV EVEREST-ES7145LV Datasheet
308Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
ES7144LV EVEREST-ES7144LV Datasheet
231Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com