Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5503-BP Datasheet(PDF) 2 Page - Cirrus Logic

No. de pieza CS5503-BP
Descripción Electrónicos  Non-aliasing, 16- & 20-bit A/D Converters
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5503-BP Datasheet(HTML) 2 Page - Cirrus Logic

  CS5503-BP Datasheet HTML 1Page - Cirrus Logic CS5503-BP Datasheet HTML 2Page - Cirrus Logic CS5503-BP Datasheet HTML 3Page - Cirrus Logic CS5503-BP Datasheet HTML 4Page - Cirrus Logic CS5503-BP Datasheet HTML 5Page - Cirrus Logic CS5503-BP Datasheet HTML 6Page - Cirrus Logic CS5503-BP Datasheet HTML 7Page - Cirrus Logic CS5503-BP Datasheet HTML 8Page - Cirrus Logic CS5503-BP Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
CS5501 ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V;
VA-, VD- = -5V; VREF = 2.5V; CLKIN = 4.096MHz; Bipolar Mode; MODE = +5V; Rsource = 750
Ω with a 1nF
to AGND at AIN (see Note 1); Digital Inputs: Logic 0 = GND; Logic 1 = VD+; unless otherwise specified.)
CS5501-A, B, C
CS5501-S, T
Parameter*
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
-40 to +85
-55 to +125
°C
Accuracy
Linearity Error
-A, S
-B, T
-C
-
-
-
0.0015
0.0007
0.0003
0.003
0.0015
0.0012
-
-
-
0.0007
0.003
0.0015
±%FS
±%FS
±%FS
Differential Nonlinearity
TMIN to TMAX
-
±1/8
±1/2
-
±1/8
±1/2
LSB16
Full Scale Error
(Note 2)
-
±0.13
±0.5
-
±0.13
±0.5
LSB16
Full Scale Drift
(Note 3)
-
±1.2
--
±2.3
-LSB16
Unipolar Offset
(Note 2)
-
±0.25
±1
-
±0.25
±1
LSB16
Unipolar Offset Drift
(Note 3)
-
±4.2
--
+3.0
-25.0
-LSB16
Bipolar Offset
(Note 2)
-
±0.25
±1
-
±0.25
±1
LSB16
Bipolar Offset Drift
(Note 3)
-
±2.1
--
+1.5
-12.5
-LSB16
Bipolar Negative Full Scale Error
(Note 2)
-
±0.5
±2
-
±0.5
±2
LSB16
Bipolar Negative Full Scale Drift
(Note 3)
-
±0.6
--
±1.2
-LSB16
Noise (Referred to Output)
-
1/10
-
-
1/10
-
LSBrms
Notes:
1. The AIN pin presents a very high input resistance at dc and a minor dynamic load which scales to the
master clock frequency. Both source resistance and shunt capacitance are therefore critical in
determining the CS5501’s source impedance requirements. For more information refer the text section
Analog Input Impedance Considerations.
2. Applies after calibration at the temperature of interest.
3. Total drift over the specified temperature range since calibration at power-up at 25
°C (see Figure 11).
This is guaranteed by design and /or characterization. Recalibration at any temperature will remove
these errors.
Unipolar Mode
Bipolar Mode
µV
LSB’s
%FS
ppm FS LSB’s
%FS
ppm FS
10
0.26
0.0004
4
0.13
0.0002
2
19
0.50
0.0008
8
0.26
0.0004
4
38
1.00
0.0015
15
0.50
0.0008
8
76
2.00
0.0030
30
1.00
0.0015
15
152
4.00
0.0061
61
2.00
0.0030
30
CS5501 Unit Conversion Factors, VREF = 2.5V
* Refer to the Specification Definitions immediately following the Pin Description Section.
CS5501/CS5503
2
DS31F4
CS5501 CS5503
2
DS31F5


Número de pieza similar - CS5503-BP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5503-BP CIRRUS-CS5503-BP Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
More results

Descripción similar - CS5503-BP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A_06 Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5505_0910 CIRRUS-CS5505_0910 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5505 CIRRUS-CS5505_09 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com