Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14515 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza MC14515
Descripción Electrónicos  4-Bit Transparent Latch/4-to-16 Line Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14515 Datasheet(HTML) 5 Page - ON Semiconductor

  MC14515 Datasheet HTML 1Page - ON Semiconductor MC14515 Datasheet HTML 2Page - ON Semiconductor MC14515 Datasheet HTML 3Page - ON Semiconductor MC14515 Datasheet HTML 4Page - ON Semiconductor MC14515 Datasheet HTML 5Page - ON Semiconductor MC14515 Datasheet HTML 6Page - ON Semiconductor MC14515 Datasheet HTML 7Page - ON Semiconductor MC14515 Datasheet HTML 8Page - ON Semiconductor MC14515 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC14514B, MC14515B
http://onsemi.com
5
Figure 2. Dynamic Power Dissipation Test Circuit and Waveform
PULSE
GENERATOR
CL
CL
VDD
VDD
VSS
S0
S15
12
24
ID
0.01
µF
CERAMIC
500
µF
VDD
VSS
Vin
20 ns
20 ns
90%
10%
STROBE
D1
D2
D3
D4
INHIBIT
Figure 3. Switching Time Test Circuit and Waveforms
PROGRAMMABLE
PULSE
GENERATOR
VDD
STROBE
INHIBIT
D1
D2
D3
D4
CL
VDD
VSS
VDD
VSS
S0
S1
S15
VSS
CL
CL
INPUT
OUTPUT
tTLH
tTLH
tTHL
tTHL
tPHL
tPLH
20 ns
OUTPUT S0
OUTPUT S1
OUTPUT S15
90%
50%
10%
90%
50%
10%


Número de pieza similar - MC14515

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC145151 MOTOROLA-MC145151 Datasheet
718Kb / 36P
   Parallel-Input PLL Frequency Synthesizer
MC145151-2 MOTOROLA-MC145151-2 Datasheet
718Kb / 36P
   Parallel-Input PLL Frequency Synthesizer
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
MC145151-2/D NXP-MC145151-2/D Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results

Descripción similar - MC14515

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B_13 Datasheet
130Kb / 8P
   4-Bit Transparent Latch / 4-to-16 Line Decoder
May, 2013 ??Rev. 9
logo
Hitachi Semiconductor
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
   4-bit Latch/4-to-16-line Decoder
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
   4-bit Latch/4-to-16-line Decoder
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
   4-BIT LATCH/4-TO-16 LINE DECODER
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
289Kb / 12P
   4 TO 16 LINE DECODER/LATCH
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP_07 Datasheet
325Kb / 8P
   4-to-16 Line Decoder/Latch
TC74HC4514AP TOSHIBA-TC74HC4514AP Datasheet
237Kb / 5P
   4-TO-16 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC4515 STMICROELECTRONICS-M74HC4515 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com