Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14528BD Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC14528BD
Descripción Electrónicos  Dual Monostable Multivibrator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14528BD Datasheet(HTML) 1 Page - ON Semiconductor

  MC14528BD Datasheet HTML 1Page - ON Semiconductor MC14528BD Datasheet HTML 2Page - ON Semiconductor MC14528BD Datasheet HTML 3Page - ON Semiconductor MC14528BD Datasheet HTML 4Page - ON Semiconductor MC14528BD Datasheet HTML 5Page - ON Semiconductor MC14528BD Datasheet HTML 6Page - ON Semiconductor MC14528BD Datasheet HTML 7Page - ON Semiconductor MC14528BD Datasheet HTML 8Page - ON Semiconductor MC14528BD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 3
1
Publication Order Number:
MC14528B/D
MC14528B
Dual Monostable
Multivibrator
The MC14528B is a dual, retriggerable, resettable monostable
multivibrator. It may be triggered from either edge of an input pulse,
and produces an output pulse over a wide range of widths, the duration
of which is determined by the external timing components, CX and
RX.
Separate Reset Available
Diode Protection on All Inputs
Triggerable from Leading or Trailing Edge Pulse
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
Pin–for–Pin Replacement with the MC14538B
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
– 0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation,
per Package (Note 3.)
500
mW
TA
Ambient Temperature Range
– 55 to +125
°C
Tstg
Storage Temperature Range
– 65 to +150
°C
TL
Lead Temperature
(8–Second Soldering)
260
°C
2. Maximum Ratings are those values beyond which damage to the device
may occur.
3. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high–impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14528BCP
PDIP–16
2000/Box
MC14528BD
SOIC–16
48/Rail
MC14528BDR2
SOIC–16
2500/Tape & Reel
1. For ordering information on the EIAJ version of
the SOIC packages, please contact your local
ON Semiconductor representative.
MARKING
DIAGRAMS
1
16
PDIP–16
P SUFFIX
CASE 648
MC14528BCP
AWLYYWW
SOIC–16
D SUFFIX
CASE 751B
1
16
14528B
AWLYWW
SOEIAJ–16
F SUFFIX
CASE 966
1
16
MC14528B
AWLYWW
MC14528BFEL
SOEIAJ–16
See Note 1.
MC14528BF
SOEIAJ–16
See Note 1.


Número de pieza similar - MC14528BD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14528BD ONSEMI-MC14528BD Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
MC14528BDG ONSEMI-MC14528BDG Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
MC14528BDG ONSEMI-MC14528BDG Datasheet
129Kb / 8P
   Dual Monostable Multivibrato
July, 2014 ??Rev. 9
MC14528BDR2 ONSEMI-MC14528BDR2 Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
MC14528BDR2G ONSEMI-MC14528BDR2G Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
More results

Descripción similar - MC14528BD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com