Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS61584A-IQ5 Datasheet(PDF) 1 Page - Cirrus Logic

No. de pieza CS61584A-IQ5
Descripción Electrónicos  DUAL T1/E1 LINE INTERFACE
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A-IQ5 Datasheet(HTML) 1 Page - Cirrus Logic

  CS61584A-IQ5 Datasheet HTML 1Page - Cirrus Logic CS61584A-IQ5 Datasheet HTML 2Page - Cirrus Logic CS61584A-IQ5 Datasheet HTML 3Page - Cirrus Logic CS61584A-IQ5 Datasheet HTML 4Page - Cirrus Logic CS61584A-IQ5 Datasheet HTML 5Page - Cirrus Logic CS61584A-IQ5 Datasheet HTML 6Page - Cirrus Logic CS61584A-IQ5 Datasheet HTML 7Page - Cirrus Logic CS61584A-IQ5 Datasheet HTML 8Page - Cirrus Logic CS61584A-IQ5 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2000
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
Features
l Dual T1/E1 Line Interface
l 3.3 Volt and 5 Volt Versions
l Crystal-less Jitter Attenuator Meets
European CTR 12 and ETSI ETS 300 011
Specifications
l Matched Impedance Transmit Drivers
l Transmitter Tri-state Capability
l Common Transmit and
ReceiveTransformers for all Modes
l Serial and Parallel Host Mode Operation
l User-customizable Pulse Shapes
l Supports JTAG Boundary Scan
l Compliant with:
– ITU-T Recommendations: G.703, G.704,
G.706, G.732, G.775 and I.431
– American National Standards (ANSI): T1.102,
T1.105, T1.403, T1.408, and T1.231
– FCC Rules and Regulations: Part 68 and Part
15
– AT&T Publication 62411
– ETSI ETS 300 011, 300 233, CTR 12, TBR 13
l TR-NET-00499
Description
The CS61584A is a dual line interface for T1/E1 appli-
cations, designed for high-volume cards where low
power and high density are required. The device is op-
timized for flexible microprocessor control through a
serial or parallel Host mode interface. Hardware mode
operation is also available.
Matched impedance drivers reduce power consumption
and provide substantial transmitter return loss. The
transmitter pulse shapes are customizable to allow non-
standard line loads. Crystalless jitter attenuation com-
plies with most stringent standards. Support of JTAG
boundary
scan
enhances
system
testability
and
reliability.
ORDERING INFORMATION
See page 53.
CS61584A-IQ3:3.3V, 64-pin TQFP, -40 to +85° C
CS61584A-IL5:5.0V, 68-pin PLCC, -40 to +85° C
CS61584A-IQ5:5.0V, 64-pin TQFP, -40 to +85° C
TTIP1
TRING1
RRING1
RTIP1
DRIVER
CONTROL
TCLK1
RCLK1
RESET
JTAG
4
REFCLK
XTALOUT
1XCLK
TV+ TGND RV+ RGND DV+ DGND
CLOCK GENERATOR
Serial Port
Parallel Port
Hardware Mode
INT
INT
RLOOP1
SCLK
RD(DS)
RLOOP2
SDO
AD0
LLOOP
SDI
AD1
TAOS1
AD3
CON01
AD4
CON02
AD5
CON11
AD6
CON12
AD7
CON21
ALE(AS)
CON22
BTS
CON32
(TDATA1) TPOS1
(AIS1) TNEG1
(RDATA1) RPOS1
(BPV1) RNEG1
L
O
C
A
L
L
O
O
P
B
A
C
K
2
AV+ AGND BGREF
MODE
WR(R/W)
CON31
SPOL
AD2
TAOS2
PD1
SAD4
ZTX1
PD2
SAD5
ZTX2
LOS1
SAD6
LOS1
LOS2
SAD7
LOS2
PULSE
SHAPING
CIRCUITRY
CLOCK &
DATA
RECOVERY
LOS &
AIS
DETECT
JITTER
ATTENUATOR
P/S
P/S
ATTEN0
CS
CS
ATTEN1
TAOS
E
N
C
O
D
E
R
D
E
C
O
D
E
R
CONTROL
Hardware Mode
Parallel Port
Serial Port
L
O
C
A
L
L
O
O
P
B
A
C
K
1
R
E
M
O
T
E
L
O
O
P
B
A
C
K
TTIP2
TRING2
RRING2
RTIP2
DRIVER
TCLK2
RCLK2
(TDATA2) TPOS2
(AIS2) TNEG2
(RDATA2) RPOS2
(BPV2) RNEG2
L
O
C
A
L
L
O
O
P
B
A
C
K
2
PULSE
SHAPING
CIRCUITRY
CLOCK &
DATA
RECOVERY
LOS &
AIS
DETECT
JITTER
ATTENUATOR
TAOS
E
N
C
O
D
E
R
D
E
C
O
D
E
R
L
O
C
A
L
L
O
O
P
B
A
C
K
1
R
E
M
O
T
E
L
O
O
P
B
A
C
K
2
2
2
2
3
RECEIVER
RECEIVER
IPOL (DTACK)
CLKE
IPOL
Dual T1/E1 Line Interface
JAN ‘01
DS261PP5
CS61584A
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS61584A
Dual T1/E1 Line Interface
SEP ‘05
DS261F1


Número de pieza similar - CS61584A-IQ5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS61581 CIRRUS-CS61581 Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61581-IL CIRRUS-CS61581-IL Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61582-IQ5 CIRRUS-CS61582-IQ5 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
More results

Descripción similar - CS61584A-IQ5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
   Dual T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
   T1/E1 Line Interface
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com