Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14536BF Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza MC14536BF
Descripción Electrónicos  Programmable Timer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14536BF Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC14536BF Datasheet HTML 5Page - ON Semiconductor MC14536BF Datasheet HTML 6Page - ON Semiconductor MC14536BF Datasheet HTML 7Page - ON Semiconductor MC14536BF Datasheet HTML 8Page - ON Semiconductor MC14536BF Datasheet HTML 9Page - ON Semiconductor MC14536BF Datasheet HTML 10Page - ON Semiconductor MC14536BF Datasheet HTML 11Page - ON Semiconductor MC14536BF Datasheet HTML 12Page - ON Semiconductor MC14536BF Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC14536B
http://onsemi.com
9
Figure 6. Power Dissipation Test
Circuit and Waveform
Figure 7. Switching Time Test Circuit and Waveforms
VDD
0.01
µF
CERAMIC
500
µF
ID
CL
CL
CL
VSS
PULSE
GENERATOR
SET
RESET
8–BYPASS
IN1
C INH
MONO IN
OSC INH
C
B
A
D
OUT 1
OUT
2
DECODE
OUT
20 ns
20 ns
90%
10%
50%
50%
DUTY CYCLE
PULSE
GENERATOR
SET
RESET
8–BYPASS
IN1
C INH
MONO IN
OSC INH
C
B
A
D
OUT 1
OUT
2
DECODE
OUT
CL
VSS
VDD
20 ns
20 ns
50%
IN1
tWL
tWH
50%
tPHL
90%
10%
tPLH
tTLH
tTHL
OUT
FUNCTIONAL TEST SEQUENCE
Test function (Figure 8) has been included for the
reduction of test time required to exercise all 24 counter
stages. This test function divides the counter into three
8–stage sections and 255 counts are loaded in each of the
8–stage sections in parallel. All flip–flops are now at a “1”.
The counter is now returned to the normal 24–stages in
series configuration. One more pulse is entered into In1
which will cause the counter to ripple from an all “1” state
to an all “0” state.
Figure 8. Functional Test Circuit
VDD
VSS
PULSE
GENERATOR
SET
RESET
8–BYPASS
IN1
C INH
MONO IN
OSC INH
C
B
A
D
OUT 1
OUT
2
DECODE
OUT


Número de pieza similar - MC14536BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14536BFEL ONSEMI-MC14536BFEL Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
MC14536BFELG ONSEMI-MC14536BFELG Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
MC14536BFELG ONSEMI-MC14536BFELG Datasheet
151Kb / 15P
   Programmable Timer
November, 2014 ??Rev. 14
More results

Descripción similar - MC14536BF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com