Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14528 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC14528
Descripción Electrónicos  Dual Monostable Multivibrator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14528 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC14528 Datasheet HTML 2Page - ON Semiconductor MC14528 Datasheet HTML 3Page - ON Semiconductor MC14528 Datasheet HTML 4Page - ON Semiconductor MC14528 Datasheet HTML 5Page - ON Semiconductor MC14528 Datasheet HTML 6Page - ON Semiconductor MC14528 Datasheet HTML 7Page - ON Semiconductor MC14528 Datasheet HTML 8Page - ON Semiconductor MC14528 Datasheet HTML 9Page - ON Semiconductor MC14528 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC14528B
http://onsemi.com
6
INPUT CONNECTIONS
Characteristics
Reset
A
B
tPLH, tPHL, tTLH, tTHL
tW
VDD
PG1
VDD
tPLH, tPHL, tTLH, tTHL
tW
VDD
VSS
PG2
tPLH(R), tPHL(R), tW
PG3
PG1
PG2
Figure 5. AC Test Waveforms
VDD
VSS
VDD
VSS
VDD
VSS
VOH
VOL
VOH
VOL
90%
10%
90%
10%
50%
50%
50%
50%
50%
trr
50%
tTLH
tTHL
tTLH
tTHL
90%
10%
tTLH
tTHL
tTHL
tTLH
50%
90%
10%
50%
50%
tWL
tPLH
50%
50%
50%
90%
10%
A
B
Q
Q
RESET
tWH
tTLH
tTHL
tPHL
tPHL
tPHL
tWL
tPHL
tW
Figure 6. Pulse Width versus CX
100,000
10,000
1000
100
10
CX, EXTERNAL CAPACITANCE (pF)
1000
100
10
1.0
0.1
VDD = 15 V
10 V
5.0 V
15 V
10 V
5.0 V
15 V
10 V
5.0 V
RX = 5.0 kW
15 V
10 V
5.0 V
RX = 100 kW
RX = 10 kW
Figure 4. AC Test Circuit
PULSE
GENERATOR
PULSE
GENERATOR
PULSE
GENERATOR
VDD
RX
CX
RX
CX
VSS
A
B
RESET
A
B
RESET
Q
Q
Q
Q
CL
CL
CL
CL
PG1 =
PG2 =
PG3 =
*CX = 15 pF
*CL = 15 pF
RX = 5.0 kW
* Includes capacitance of probes,
wiring, and fixture parasitic.
NOTE: AC test waveforms for
PG1, PG2, and PG3 on
next page.


Número de pieza similar - MC14528

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
MC14528 SAMSUNG-MC14528 Datasheet
330Kb / 34P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
ON Semiconductor
MC14528B ONSEMI-MC14528B Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
MC14528B ONSEMI-MC14528B Datasheet
129Kb / 8P
   Dual Monostable Multivibrato
July, 2014 ??Rev. 9
MC14528BCP ONSEMI-MC14528BCP Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
MC14528BCPG ONSEMI-MC14528BCPG Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
More results

Descripción similar - MC14528

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com