Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC1776 Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza MC1776
Descripción Electrónicos  PROGRAMMABLE OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1776 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC1776 Datasheet HTML 3Page - ON Semiconductor MC1776 Datasheet HTML 4Page - ON Semiconductor MC1776 Datasheet HTML 5Page - ON Semiconductor MC1776 Datasheet HTML 6Page - ON Semiconductor MC1776 Datasheet HTML 7Page - ON Semiconductor MC1776 Datasheet HTML 8Page - ON Semiconductor MC1776 Datasheet HTML 9Page - ON Semiconductor MC1776 Datasheet HTML 10Page - ON Semiconductor MC1776 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC1776C
7
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. Set Current versus Set Resistor
Figure 2. Positive Standby Supply Current
versus Set Current
Figure 3. Open Loop Gain versus Set Current
Figure 4. Input Bias Current versus Set Current
Figure 5. Input Bias Current
versus Ambient Temperature
Figure 6. Gain Bandwidth Product
versus Set Current
Iset, SET CURRENT (µA)
10 k
100 k
1.0 M
10 M
100 M
0.1
1.0
10
100
Iset, SET CURRENT (µA)
0.01
0.1
1.0
10
100
0.1
1.0
10
100
1000
Iset, SET CURRENT (µA)
0.1
1.0
10
100
104
105
106
107
Iset, SET CURRENT (µA)
0.01
0.1
1.0
10
100
0.1
1.0
10
100
T, TEMPERATURE (
°C)
0
6.0
12
18
24
30
–60
–40
–20
0
20
40
60
80
100
120
140
Iset = 1.5 µA
Iset = 1.5 µA
Iset, SET CURRENT (µA)
1.0 k
10 k
100 k
1.0 M
10 M
0.1
1.0
10
100
VCC = +15 V
VEE = –15 V
Rset to VEE
VCC = +15 V
VEE = –15 V
Rset to GND
VCC = +3.0 V
VEE = –3.0 V
Rset to GND
VCC = +3.0 V
VEE = –3.0 V
Rset to VEE
+3.0 V
≤ VCC ≤ +18 V
–3.0 V
≥ VEE ≥ –18 V
RL = 75 k
VCC = +15 V
VEE = –15 V
VCC = +3.0 V
VEE = –3.0 V
+3.0 V
≤ VCC ≤ +18 V
–3.0 V
≥ VEE ≥ –18 V
+3.0 V
≤ VCC ≤ +18 V
–3.0 V
≥ VEE ≥ –18 V
VCC = +15 V
VEE = –15 V
VCC = +3.0 V
VEE = –3.0 V


Número de pieza similar - MC1776

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GUANGDONG MISUN TECHNOL...
MC1770 FPE-MC1770 Datasheet
252Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1770-100M1 FPE-MC1770-100M1 Datasheet
252Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1770-101M1 FPE-MC1770-101M1 Datasheet
252Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1770-150M1 FPE-MC1770-150M1 Datasheet
252Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1770-220M1 FPE-MC1770-220M1 Datasheet
252Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
More results

Descripción similar - MC1776

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4250 NSC-LM4250_14 Datasheet
538Kb / 14P
   Programmable Operational Amplifier
logo
NEC
UPC4250 NEC-UPC4250 Datasheet
387Kb / 10P
   PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM4250 NSC-LM4250 Datasheet
496Kb / 12P
   Programmable Operational Amplifier
logo
JSC ALFA.
14YD1201 ALFA-14YD1201 Datasheet
223Kb / 5P
   Micropower Programmable Operational Amplifier
logo
Texas Instruments
LM4250 TI1-LM4250 Datasheet
538Kb / 14P
[Old version datasheet]   LM4250 Programmable Operational Amplifier
logo
Analog Devices
OP-22 AD-OP-22_15 Datasheet
586Kb / 12P
   PROGRAMMABLE MICROPOWER OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
KK1776 KODENSHI-KK1776 Datasheet
107Kb / 3P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL1776 ETC-IL1776 Datasheet
18Kb / 2P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
System Logic Semiconduc...
SL1776 SLS-SL1776 Datasheet
19Kb / 2P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
IK Semicon Co., Ltd
IL1776 IKSEMICON-IL1776_11 Datasheet
92Kb / 3P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com