Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33076P1 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza MC33076P1
Descripción Electrónicos  DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33076P1 Datasheet(HTML) 5 Page - ON Semiconductor

  MC33076P1 Datasheet HTML 1Page - ON Semiconductor MC33076P1 Datasheet HTML 2Page - ON Semiconductor MC33076P1 Datasheet HTML 3Page - ON Semiconductor MC33076P1 Datasheet HTML 4Page - ON Semiconductor MC33076P1 Datasheet HTML 5Page - ON Semiconductor MC33076P1 Datasheet HTML 6Page - ON Semiconductor MC33076P1 Datasheet HTML 7Page - ON Semiconductor MC33076P1 Datasheet HTML 8Page - ON Semiconductor MC33076P1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC33076
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 7. Output Voltage Swing
versus Supply Voltage
VCC, |VEE|, SUPPLY VOLTAGE (V)
Figure 8. Maximum Peak–to–Peak Output
Voltage Swing versus Load Resistance
RL, LOAD RESISTANCE TO GROUND (Ω)
Figure 9. Output Voltage
versus Frequency
f, FREQUENCY (Hz)
Figure 10. Common Mode Rejection
versus Frequency Over Temperature
f, FREQUENCY (Hz)
Figure 11. Power Supply Rejection
versus Frequency Over Temperature
Figure 12. Output Short Circuit Current
versus Output Voltage
|VO|, OUTPUT VOLTAGE (V)
f, FREQUENCY (Hz)
15
40
35
30
25
20
15
10
5.0
0
25
20
15
10
5.0
0
30
25
20
15
10
5.0
0
100
80
60
40
20
0
100
80
60
40
20
0
300
250
200
150
100
50
RL = 100 Ω
RL = 10 kΩ
TA = 25°C
100
1.0 k
10 k
100 k
1.0 M
10
0
5.0
10
15
20
25
10
100
1.0 k
10 k
100
1.0 k
10 k
100 k
1.0 M
100
1.0 k
10 k
100 k
1.0 M
10
10 M
0
3.0
6.0
9.0
12
0
VS = ±15 V
VS = ± 5.0 V
TA = 25°C
f = 1.0 kHz
VCC = +15 V
VEE = –15 V
RL = 100 Ω
AV = +1.0
THD =
≤ 1.0%
TA = 25°C
VCC = +15 V
VEE = –15 V
VCM = 0 V
∆VCM = ±1.5 V
TA = – 55° to +125°C
+PSR
–PSR
VCC = +15 V
VEE = –15 V
∆VCC = ±1.5 V
TA = – 55° to +125°C
Source
Sink
VCC = +15 V
VEE = –15 V
VID = ±1.0 V


Número de pieza similar - MC33076P1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33076P1 ONSEMI-MC33076P1 Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
More results

Descripción similar - MC33076P1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2607 BURR-BROWN-OPA2607 Datasheet
174Kb / 11P
   Dual, High Output, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com