Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X1228S14-2.7T1 Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza X1228S14-2.7T1
Descripción Electrónicos  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1228S14-2.7T1 Datasheet(HTML) 3 Page - Intersil Corporation

  X1228S14-2.7T1 Datasheet HTML 1Page - Intersil Corporation X1228S14-2.7T1 Datasheet HTML 2Page - Intersil Corporation X1228S14-2.7T1 Datasheet HTML 3Page - Intersil Corporation X1228S14-2.7T1 Datasheet HTML 4Page - Intersil Corporation X1228S14-2.7T1 Datasheet HTML 5Page - Intersil Corporation X1228S14-2.7T1 Datasheet HTML 6Page - Intersil Corporation X1228S14-2.7T1 Datasheet HTML 7Page - Intersil Corporation X1228S14-2.7T1 Datasheet HTML 8Page - Intersil Corporation X1228S14-2.7T1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3
FN8100.2
October 17, 2005
PIN DESCRIPTIONS
PIN ASSIGNMENTS
Pin Number
SOIC/TSSOP
Symbol
Brief Description
1X1
X1. The X1 pin is the input of an inverting amplifier. An external 32.768kHz quartz crystal
is used with the X1228 to supply a timebase for the real time clock. The recommended crystal
is a Citizen CFS206-32.768KDZF. Internal compensation circuitry is included to form a
complete oscillator circuit. Care should be taken in the placement of the crystal and the layout
of the circuit. Plenty of ground plane around the device and short traces to X1 are highly
recommended. See Application section for more recommendations.
2X2
X2. The X2 pin is the output of an inverting amplifier. An external 32.768kHz quartz crystal
is used with the X1228 to supply a timebase for the real time clock. The recommended crystal
is a Citizen CFS206-32.768KDZF. Internal compensation circuitry is included to form a
complete oscillator circuit. Care should be taken in the placement of the crystal and the layout
of the circuit. Plenty of ground plane around the device and short traces to X2 are highly
recommended. See Application section for more recommendations.
6
RESET
RESET Output – RESET. This is a reset signal output. This signal notifies a host
processor that the watchdog time period has expired or that the voltage has dropped below
a fixed VTRIP threshold. It is an open drain active LOW output. Recommended value for the
pullup resistor is 5k
Ω. If unused, tie to ground.
7VSS
VSS.
8SDA
Serial Data (SDA). SDA is a bidirectional pin used to transfer data into and out of the
device. It has an open drain output and may be wire ORed with other open drain or open
collector outputs. The input buffer is always active (not gated).
An open drain output requires the use of a pull-up resistor. The output circuitry controls the
fall time of the output signal with the use of a slope controlled pull-down. The circuit is
designed for 400kHz 2-wire interface speeds.
9SCL
Serial Clock (SCL). The SCL input is used to clock all data into and out of the device. The
input buffer on this pin is always active (not gated).
12
PHZ/IRQ
Programmable Frequency/Interrupt Output – PHZ/IRQ. This is either an output from the
internal oscillator or an interrupt signal output. It is a CMOS output.
When used as frequency output, this signal has a frequency of 32.768kHz, 4096Hz, 1Hz
or inactive.
When used as interrupt output, this signal notifies a host processor that an alarm has
occurred and an action is required. It is an active LOW output.
The control bits for this function are FO1 and FO0 and are found in address 0011h of the
Clock Control Memory map. See “Programmable Frequency Output Bits—FO1, FO0” on
page 14.
13
VBACK
VBACK. This input provides a backup supply voltage to the device. VBACK supplies power
to the device in the event the VCC supply fails. This pin can be connected to a battery, a
Supercap or tied to ground if not used.
14
VCC
VCC.
NC = No internal connection
NC
NC
X1
X2
1
2
3
4
13
14
12
11
14 Ld TSSOP/SOIC
5
6
7
10
9
8
RESET
VSS
VCC
VBACK
PHZ/IRQ
NC
SCL
NC
SDA
NC
X1228


Número de pieza similar - X1228S14-2.7T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Xicor Inc.
X1228S14-2.7 XICOR-X1228S14-2.7 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228S14-2.7 INTERSIL-X1228S14-2.7 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228S14-2.7 RENESAS-X1228S14-2.7 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228S14-2.7A XICOR-X1228S14-2.7A Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228S14-2.7A INTERSIL-X1228S14-2.7A Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Descripción similar - X1228S14-2.7T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com