Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TW3150 Datasheet(PDF) 1 Page - Tallysman Wireless Inc.

No. de pieza TW3150
Descripción Electrónicos  TW3150/52 High Gain / High Rejection Timing Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TALLYSMAN [Tallysman Wireless Inc.]
Página de inicio  https://www.tallysman.com/
Logo TALLYSMAN - Tallysman Wireless Inc.

TW3150 Datasheet(HTML) 1 Page - Tallysman Wireless Inc.

  TW3150 Datasheet HTML 1Page - Tallysman Wireless Inc. TW3150 Datasheet HTML 2Page - Tallysman Wireless Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A Tallysman Accutenna®
TW3150/52 High Gain / High Rejection Timing Antenna
Applications
Timing systems
Long cable runs
Features
Dual Feed Patch Antenna
Low Loss SAW Pre-Filter
Great axial ratio: 1 dB typ.
Low noise LNA: 1.5dB typ (TW3150).
Triple High rejection SAW filter (TW3152)
High gain LNA: 50 dB typ.
Low current: 25 mA typ.
Wide voltage input range: 2.7 to 26 VDC
IP67 weather proof housing
Benefits
• Great out of band rejection
• Excellent multipath rejection
• Excellent circular polarisation
• Excellent signal to noise ratio
• Increased system accuracy
• Ideal for harsh environments
• RoHS and REACH compliant
The TW3150/52 is a high-gain GPS antenna specifically
designed for timing applications in high density cell /
telecommunications tower applications where high levels of
near-out-of-band interfering signals can be expected. This
antenna features a 50dB LNA gain to handle long cable runs
often associated with installation on telecommunications
towers.
The TW3150/52 covers the GPS L1 and SBAS (WAAS, EGNOS
& MSAS) frequency band and employs Tallysman’s unique
Accutenna™ technology to provide excellent cross polarization
rejection and greatly enhanced multipath rejection.
The TW3150 features a four (4) stage dual filtered LNA, while
the TW3152 includes an additional SAW pre-filter to provide
exceptional rejection of close out-of-band signals and
additional protection against saturation by high level sub-
harmonic and L-Band signals..
The TW3150/522 housing has a permanent mount, IP67
compliant metal base, and an extended temperature range
plastic radome, and is specifically designed to withstand the
most challenging environmental conditions.
Two options for pole mounting are available an L-bracket
(P/N#23-0040-0) or a pipe mount (P/N#23-0065-0).


Número de pieza similar - TW3150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tallysman Wireless Inc.
TW3100 TALLYSMAN-TW3100 Datasheet
490Kb / 2P
   TW3100 / TW3102 Permanent Mount GPS L1 Antenna
TW3101 TALLYSMAN-TW3101 Datasheet
395Kb / 2P
   TW3101 Non Magnetic GPS L1 Antenna
TW3102 TALLYSMAN-TW3102 Datasheet
490Kb / 2P
   TW3100 / TW3102 Permanent Mount GPS L1 Antenna
TW3142 TALLYSMAN-TW3142 Datasheet
221Kb / 2P
   TW3142 High Gain / High Rejection Antenna
More results

Descripción similar - TW3150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tallysman Wireless Inc.
TW3752 TALLYSMAN-TW3752 Datasheet
583Kb / 2P
   TW3752 High Gain / High Rejection GPS GLONASS Galileo BeiDou Timing Antenna
TW3142 TALLYSMAN-TW3142 Datasheet
221Kb / 2P
   TW3142 High Gain / High Rejection Antenna
logo
PCTEL, Inc.
3978D-HR-DH-W PCTEL-3978D-HR-DH-W Datasheet
196Kb / 1P
   High Gain & High Rejection Permanent Mount GPS Antenna
8171D-HR-DH-W PCTEL-8171D-HR-DH-W Datasheet
166Kb / 1P
   GNSS High Rejection Time Sync Antenna
8111D-HR PCTEL-8111D-HR Datasheet
346Kb / 4P
   Stingray GNSS Magnetic High Rejection Tracking Antenna GNSS/GPS Antennas - High Rejection
March 2021
logo
List of Unclassifed Man...
WLP4958124A02 ETC2-WLP4958124A02 Datasheet
1Mb / 11P
   Embedded High Gain Antenna
logo
Laird Tech Smart Techno...
YA9W-11 LSTD-YA9W-11 Datasheet
1Mb / 2P
   High gain directional antenna
logo
CTS Corporation
CER0032A CTS-CER0032A Datasheet
84Kb / 2P
   High Rejection
CER0023A CTS-CER0023A Datasheet
82Kb / 2P
   High Rejection
logo
World Produts Inc.
WPANT67002-R1A WPI-WPANT67002-R1A Datasheet
73Kb / 2P
   High Gain GPS Body-mount Antenna
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com