Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U20C20D Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

No. de pieza U20C20D
Descripción Electrónicos  20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Página de inicio  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U20C20D Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  U20C20D_V01 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U20C20D_V01 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
20
8
6
4
10
16
0
0
50
100
150
CASE TEMPERATURE,
oC
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
25
50
75
100
125
150
175
200
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.1
10
100
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25oC
PULSE WIDTH=300uS
1% DUTY CYCLE
U20C20D
U20C40D
U20C60D
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 2/2
Rev.08T
U20C20D thru U20C60D


Número de pieza similar - U20C20D_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinki Semiconductor Co...
U20C20D THINKISEMI-U20C20D Datasheet
603Kb / 2P
   Dual Common Anode Ultra Fast Recovery Diodes
U20C20D THINKISEMI-U20C20D Datasheet
605Kb / 2P
   Dual Doubler Tandem Ultra Fast Recovery Diodes
More results

Descripción similar - U20C20D_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinki Semiconductor Co...
MUR2020PR THINKISEMI-MUR2020PR Datasheet
279Kb / 2P
   20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
FMX31U THINKISEMI-FMX31U Datasheet
1,014Kb / 3P
   20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
CTG-31U THINKISEMI-CTG-31U Datasheet
1,015Kb / 3P
   20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MUR2020CR THINKISEMI-MUR2020CR Datasheet
273Kb / 2P
   20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MUR2020CD THINKISEMI-MUR2020CD Datasheet
268Kb / 2P
   20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
FML31U THINKISEMI-FML31U Datasheet
1,014Kb / 3P
   20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
U20D20D THINKISEMI-U20D20D_04 Datasheet
1,013Kb / 3P
   20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
FMG31U THINKISEMI-FMG31U Datasheet
1,014Kb / 3P
   20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
FMU31U THINKISEMI-FMU31U Datasheet
1,013Kb / 3P
   20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
D39-02D THINKISEMI-D39-02D Datasheet
269Kb / 2P
   20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com