Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7877ACPZ-500RL7 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD7877ACPZ-500RL7
Descripción Electrónicos  Touch Screen Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7877ACPZ-500RL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7877ACPZ-500RL7 Datasheet HTML 4Page - Analog Devices AD7877ACPZ-500RL7 Datasheet HTML 5Page - Analog Devices AD7877ACPZ-500RL7 Datasheet HTML 6Page - Analog Devices AD7877ACPZ-500RL7 Datasheet HTML 7Page - Analog Devices AD7877ACPZ-500RL7 Datasheet HTML 8Page - Analog Devices AD7877ACPZ-500RL7 Datasheet HTML 9Page - Analog Devices AD7877ACPZ-500RL7 Datasheet HTML 10Page - Analog Devices AD7877ACPZ-500RL7 Datasheet HTML 11Page - Analog Devices AD7877ACPZ-500RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD7877
Rev. A | Page 8 of 44
Pin No.
Mnemonic
Description
29
ARNG
When the DAC is in current output mode, a resistor from ARNG to GND sets the output range.
30
AOUT
Analog Output Voltage or Current from DAC.
31
VREF
Reference output for the AD7877. The internal 2.5 V reference is available on this pin for use external to the
device. The reference output must be buffered before it is applied elsewhere in a system. A capacitor of 100nF
is strongly recommended between the VREF pin and GND to reduce system noise effects.
Alternatively, an external reference can be applied to this input. The voltage range for the external reference is
1.0 V to VCC. For the specified performance, it is 2.5 V on the AD7877.


Número de pieza similar - AD7877ACPZ-500RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7877ACPZ-500RL7 AD-AD7877ACPZ-500RL7 Datasheet
825Kb / 46P
   Touch Screen Controller
More results

Descripción similar - AD7877ACPZ-500RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com