Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33065DW-H Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza MC33065DW-H
Descripción Electrónicos  HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33065DW-H Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33065DW-H Datasheet HTML 3Page - ON Semiconductor MC33065DW-H Datasheet HTML 4Page - ON Semiconductor MC33065DW-H Datasheet HTML 5Page - ON Semiconductor MC33065DW-H Datasheet HTML 6Page - ON Semiconductor MC33065DW-H Datasheet HTML 7Page - ON Semiconductor MC33065DW-H Datasheet HTML 8Page - ON Semiconductor MC33065DW-H Datasheet HTML 9Page - ON Semiconductor MC33065DW-H Datasheet HTML 10Page - ON Semiconductor MC33065DW-H Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MC34065–H, L MC33065–H, L
7
MOTOROLA ANALOG IC DEVICE DATA
Undervoltage Lockout
Two Undervoltage Lockout comparators have been
incorporated to guarantee that the IC is fully functional before
the output stages are enabled. The positive power supply
terminal (VCC) and the reference output (Vref) are each
monitored by separate comparators. Each has built–in
hysteresis to prevent erratic output behavior as their
respective thresholds are crossed. The VCC comparator
upper and lower thresholds are 14 V/10 V for –H suffix, and
8.4 V/7.6 V for –L suffix. The Vref comparator upper and lower
thresholds are 3.6 V/3.4 V respectively. The large hysteresis
and low startup current of the –H suffix version makes it
ideally suited in off–line converter applications where efficient
bootstrap startup techniques are required (Figure 28). The –L
suffix version is intended for lower voltage dc–to–dc
converter applications. The minimum operating voltage for
the –H suffix is 11 V and 8.2 V for the –L suffix.
Drive Outputs and Drive Ground
Each section contains a single totem–pole output stage
that is specifically designed for direct drive of power
MOSFETs. The Drive Outputs are capable of up to
±400 mA
peak current with a typical rise and fall time of 50 ns with a
1.0 nF load. Additional internal circuitry has been added to
keep the outputs in a sinking mode whenever an
Undervoltage Lockout is active. This characteristic eliminates
the need for an external pull–down resistor. The totem–pole
output has been optimized to minimize cross–conduction
current in high speed operation. The addition of two 10
resistors, one in series with the source output transistor and
one in series with the sink output transistor, reduces the
cross–conduction current to minimal levels, as shown in
Figure 13.
Although the Drive Outputs were optimized for MOSFETs,
they can easily supply the negative base current required by
bipolar NPN transistors for enhanced turn–off (Figure 25).
Figure 15. Representative Block Diagram
+
+
+
+
+
+
+
12
13
14
5
4
2
3
1
15
7
6
10
11
Vref
Sync Input
RT
CT
Voltage Feedback 1
Compensation 1
Enable Input
Voltage Feedback 2
Compensation 2
Vin = 15V
VCC
16
Q2
RS
Current Sense 2
Drive Output 2
Current Sense 1
Drive Output 1
RS
Q1
10
10
10
10
Gnd
8
Drive Gnd
9
=
Sink Only
Positive True Logic
1.0V
R
S
Q
R
R
PWM
Latch 2
S
R
Q
Current Sense
Comparator 2
2R
Error
Amp 2
Error
Amp 1
Vref
250
µA
1.0mA
1.0V
R
1.0mA
Oscillator
3.6V
+
20k
Internal
Bias
Reference
Regulator
R
R
2.5V
PWM
Latch 1
VCC
UVLO
+
Current Sense
Comparator 1
Vref
UVLO
2R


Número de pieza similar - MC33065DW-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33065DW-H ONSEMI-MC33065DW-H Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
More results

Descripción similar - MC33065DW-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC34065-H ONSEMI-MC34065-H_06 Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com