Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33065DW-H Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza MC33065DW-H
Descripción Electrónicos  HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33065DW-H Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC33065DW-H Datasheet HTML 4Page - ON Semiconductor MC33065DW-H Datasheet HTML 5Page - ON Semiconductor MC33065DW-H Datasheet HTML 6Page - ON Semiconductor MC33065DW-H Datasheet HTML 7Page - ON Semiconductor MC33065DW-H Datasheet HTML 8Page - ON Semiconductor MC33065DW-H Datasheet HTML 9Page - ON Semiconductor MC33065DW-H Datasheet HTML 10Page - ON Semiconductor MC33065DW-H Datasheet HTML 11Page - ON Semiconductor MC33065DW-H Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MC34065–H, L MC33065–H, L
8
MOTOROLA ANALOG IC DEVICE DATA
Figure 16. Timing Diagram
Sync Input
Capacitor CT
Latch 1
“Set” Input
Compensation 1
Current Sense 1
Latch 1
“Reset” Input
Drive Output 1
Drive Output
2
Enable
Latch 2
“Set” Input
Compensation 2
Current Sense 2
Drive Output 2
Latch 2
“Reset” Input
The outputs do not contain internal current limiting,
therefore an external series resistor may be required to
prevent the peak output current from exceeding the
±400 mA
maximum rating. The sink saturation (VOL) is less than 0.75 V
at 50 mA.
A separate Drive Ground pin is provided and, with proper
implementation, will significantly reduce the level of switching
transient noise imposed on the control circuitry. This
becomes particularly useful when reducing the Ipk(max) clamp
level. Figure 23 shows the proper ground connections
required for current sensing power MOSFET applications.
Drive Output 2 Enable Pin
This input is used to enable Drive Output 2. Drive Output 1
can be used to control circuitry that must run continuously
such as volatile memory and the system clock, or a remote
controlled receiver, while Drive Output 2 controls the high
power circuitry that is occasionally turned off.
Reference
The 5.0 V bandgap reference is trimmed to
±2.0%
tolerance at TJ = 25°C. The reference has short circuit
protection and is capable of providing in excess of 30 mA for
powering any additional control system circuitry.
Design Considerations
Do not attempt to construct the converter on
wire–wrap or plug–in prototype boards. High frequency
circuit layout techniques are imperative to prevent
pulse–width jitter. This is usually caused by excessive noise
pick–up imposed on the Current Sense or Voltage Feedback
inputs. Noise immunity can be improved by lowering circuit
impedances at these points. The printed circuit layout should
contain a ground plane with low current signal and high
current switch and output grounds returning on separate
paths back to the input filter capacitor. Ceramic bypass
capacitors (0.1
µF) connected directly to VCC and Vref may be
required depending upon circuit layout. This provides a low
impedance path for filtering the high frequency noise. All high
current loops should be kept as short as possible using
heavy copper runs to minimize radiated EMI. The Error Amp
compensation circuitry and the converter output
voltage–divider should be located close to the IC and as far
as possible from the power switch and other noise generating
components.


Número de pieza similar - MC33065DW-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33065DW-H ONSEMI-MC33065DW-H Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
More results

Descripción similar - MC33065DW-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC34065-H ONSEMI-MC34065-H_06 Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com