Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33065DW-H Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza MC33065DW-H
Descripción Electrónicos  HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33065DW-H Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC33065DW-H Datasheet HTML 5Page - ON Semiconductor MC33065DW-H Datasheet HTML 6Page - ON Semiconductor MC33065DW-H Datasheet HTML 7Page - ON Semiconductor MC33065DW-H Datasheet HTML 8Page - ON Semiconductor MC33065DW-H Datasheet HTML 9Page - ON Semiconductor MC33065DW-H Datasheet HTML 10Page - ON Semiconductor MC33065DW-H Datasheet HTML 11Page - ON Semiconductor MC33065DW-H Datasheet HTML 12Page - ON Semiconductor MC33065DW-H Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MC34065–H, L MC33065–H, L
9
MOTOROLA ANALOG IC DEVICE DATA
Figure 17. External Clock Synchronization
Figure 18. External Duty Cycle Clamp and
Multi–Unit Synchronization
+
R
220pF
RT
R
R
15
1
3
2
4
5
CT
External
Sync
Input
Bias
Osc.
20k
EA1
1.0V
2R
The external diode clamp is required if the negative Sync current
is greater than –5.0 mA.
+
+
+
6
5
2
C
RB
MC1455
R
S
Q
3
7
4
8
RA
Vref
15
1
3
2
4
5
To additional MC34065s
2R
R
1.0V
Osc.
Bias
R
R
5.0k
5.0k
5.0k
1
EA1
f =
1.08
(RA + RB)C
Dmax Drive Output 1 =
RB
RA + RB
Dmax Drive Output 2 =
RA
RA + RB
20k
PIN FUNCTION DESCRIPTION
Pin
Function
Description
1
Sync Input
A narrow rectangular waveform applied to this input will synchronize the oscillator. A dc voltage
within the range of 2.4 V to 5.5 V will inhibit the oscillator.
2
CT
Timing capacitor CT connects from this pin to ground setting the free–running oscillator frequency
range.
3
RT
Resistor RT connects from this pin to ground precisely setting the charge current for CT. RT must be
between 4.0 k and 16 k.
4
Voltage Feedback 1
This pin is the inverting input of Error Amplifier 1. It is normally connected to the switching power
supply output through a resistor divider.
5
Compensation 1
This pin is the output of Error Amplifier 1 and is made available for loop compensation.
6
Current Sense 1
A voltage proportional to the inductor current is connected to this input. PWM 1 uses this information
to terminate conduction of output switch Q1.
7
Drive Output 1
This pin directly drives the gate of a power MOSFET Q1. Peak currents up to 400 mA are sourced
and sunk by this pin.
8
Gnd
This pin is the control circuitry ground return and is connected back to the source ground.
9
Drive Gnd
This pin is a separate power ground return that is connected back to the power source. It is used to
reduce the effects of switching transient noise on the control circuitry.
10
Drive Output 2
This pin directly drives the gate of a power MOSFET Q2. Peak currents up to 400 mA are sourced
and sunk by this pin.
11
Current Sense 2
A voltage proportional to inductor current is connected to this input. PWM 2 uses this information to
terminate conduction of output switch Q2.
12
Compensation 2
This pin is the output of Error Amplifier 2 and is made available for loop compensation.
13
Voltage Feedback 2
This pin is the inverting input of Error Amplifier 2. It is normally connected to the switching power
supply output through a resistor divider.
14
Drive Output 2 Enable
A logic low at this input disables Drive Output 2.
15
Vref
This is the 5.0 V reference output. It can provide bias for any additional system circuitry.
16
VCC
This pin is the positive supply of the control IC. The minimum operating voltage range after startup is
11 V to 15.5 V for the –H suffix, 8.2 V to 9.5 V for the –L suffix.


Número de pieza similar - MC33065DW-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33065DW-H ONSEMI-MC33065DW-H Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
More results

Descripción similar - MC33065DW-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC34065-H ONSEMI-MC34065-H_06 Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com