Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ULN2004L Datasheet(PDF) 3 Page - Allegro MicroSystems |
|
ULN2004L Datasheet(HTML) 3 Page - Allegro MicroSystems |
3 / 11 page 2003 THRU 2024 HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 V CE(MAX) 50 V 95 V I C(MAX) 500 mA500 mA Logic Part Number 5V ULN2003A* ULN2023A* TTL, CMOS ULN2003L* ULN2023L 6-15 V ULN2004A* ULN2024A CMOS, PMOS ULN2004L* ULN2024L * Also available for operation between -40 °C and +85°C. To order, change prefix from “ULN” to “ULQ”. Dwg. No. A-9651 COM 7.2K 3K 2.7K X = Digit to identify specific device. Specification shown applies to family of devices with remaining digits as shown. See matrix above. Copyright © 1974, 1998 Allegro MicroSystems, Inc. Dwg. No. A-9898A ULN20x4A/L (Each Driver) COM 7.2K 3K 10.5K 50 75 100 125 150 2.5 0.5 0 AMBIENT TEMPERATURE IN °C 2.0 1.5 1.0 25 SUFFIX 'L', R = 90 °C/W θJA Dwg. GP-006A SUFFIX 'A', R = 60 °C/W θJA ULN20x3A/L (Each Driver) DEVICE PART NUMBER DESIGNATION PARTIAL SCHEMATICS |
Número de pieza similar - ULN2004L |
|
Descripción similar - ULN2004L |