Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC34268 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza MC34268
Descripción Electrónicos  SCSI-2 Active Terminator Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34268 Datasheet(HTML) 5 Page - ON Semiconductor

  MC34268 Datasheet HTML 1Page - ON Semiconductor MC34268 Datasheet HTML 2Page - ON Semiconductor MC34268 Datasheet HTML 3Page - ON Semiconductor MC34268 Datasheet HTML 4Page - ON Semiconductor MC34268 Datasheet HTML 5Page - ON Semiconductor MC34268 Datasheet HTML 6Page - ON Semiconductor MC34268 Datasheet HTML 7Page - ON Semiconductor MC34268 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC34268
http://onsemi.com
5
PACKAGE DIMENSIONS
SOT–223
ST SUFFIX
CASE 318E–04
ISSUE K
H
S
F
A
B
D
G
L
4
12
3
0.08 (0003)
C
M
K
J
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.249
0.263
6.30
6.70
INCHES
B
0.130
0.145
3.30
3.70
C
0.060
0.068
1.50
1.75
D
0.024
0.035
0.60
0.89
F
0.115
0.126
2.90
3.20
G
0.087
0.094
2.20
2.40
H
0.0008
0.0040
0.020
0.100
J
0.009
0.014
0.24
0.35
K
0.060
0.078
1.50
2.00
L
0.033
0.041
0.85
1.05
M
0
10
0
10
S
0.264
0.287
6.70
7.30
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
__
_
_


Número de pieza similar - MC34268

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Descripción similar - MC34268

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
   SCSI active terminator
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
AN8612NSB PANASONIC-AN8612NSB Datasheet
65Kb / 7P
   SCSI active terminator IC
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
   SCSI-II Active Terminator
logo
Calogic, LLC
CLM1117 CALOGIC-CLM1117 Datasheet
47Kb / 4P
   800mA Low Dropout Regulator SCSI-II Active Terminator
logo
Alpha Industries
AS1117 ALPHA-AS1117 Datasheet
76Kb / 11P
   800mA Low Dropout Regulator SCSI-II Active Terminator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com