Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC3456 Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza MC3456
Descripción Electrónicos  DUAL TIMING CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3456 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC3456 Datasheet HTML 2Page - ON Semiconductor MC3456 Datasheet HTML 3Page - ON Semiconductor MC3456 Datasheet HTML 4Page - ON Semiconductor MC3456 Datasheet HTML 5Page - ON Semiconductor MC3456 Datasheet HTML 6Page - ON Semiconductor MC3456 Datasheet HTML 7Page - ON Semiconductor MC3456 Datasheet HTML 8Page - ON Semiconductor MC3456 Datasheet HTML 9Page - ON Semiconductor MC3456 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC3456
7
MOTOROLA ANALOG IC DEVICE DATA
APPLICATIONS INFORMATION
Tone Burst Generator
For a tone burst generator, the first timer is used as a
monostable and determines the tone duration when triggered
by a positive pulse at Pin 6. The second timer is enabled by
the high output of the monostable. It is connected as an
astable and determines the frequency of the tone.
Dual Astable Multivibrator
This dual astable multivibrator provides versatility not
available with single timer circuits. The duty cycle can be
adjusted from 5% to 95%. The two outputs provide two phase
clock signals often required in digital systems. It can also be
inhibited by use of either reset terminal.
(RA + 2RB) C
Figure 20. Tone Burst Generator
Figure 21. Dual Astable Multivibrator
RT
Trigger
Trigger
Trigger
Reset
4
Discharge
Threshold
7
Gnd
1/2
MC3456
14
VCC
5
Output
10
Reset
3
9
Control
0.01
µF
Output
7
Gnd
0.01 mF
C2
14
VCC
13 Discharge
12 Threshold
8
11 Control
RB
RA
+ 15 V
Gnd
C1–
R1
C1
Reset
2
Discharge
1
4
14
10 k
5
1N914
1N914
10 k
9
Output
Trigger
10
Reset
+15 V
R2
Threshold
12
13
Discharge
C2
Gnd
11
Control
Voltage
0.001
8
Output
0.001
Output
6
37
Gnd
f =
0.91
(R1 + R2) C
for C1 = C2
Duty Cycle
R2
R1 + R2
t = 1.1 RT C1
f =
1.44
Control
Voltage
Threshold
Trigger
1/2
MC3456
1/2
MC3456
1/2
MC3456
6
1
2


Número de pieza similar - MC3456

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MC34561 ETC1-MC34561 Datasheet
99Kb / 2P
   1.25mm Receptacle Housing - W2B
MC34563 ETC1-MC34563 Datasheet
99Kb / 2P
   1.25mm Receptacle Housing - W2B
MC34565 ETC1-MC34565 Datasheet
99Kb / 2P
   1.25mm Receptacle Housing - W2B
MC34567 ETC1-MC34567 Datasheet
99Kb / 2P
   1.25mm Receptacle Housing - W2B
MC34569 ETC1-MC34569 Datasheet
99Kb / 2P
   1.25mm Receptacle Housing - W2B
More results

Descripción similar - MC3456

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
System Logic Semiconduc...
SLC556 SLS-SLC556 Datasheet
23Kb / 2P
   Timing Circuit
logo
List of Unclassifed Man...
IN555 ETC-IN555 Datasheet
96Kb / 2P
   Timing Circuit
logo
KODENSHI_AUK CORP.
KK555 KODENSHI-KK555 Datasheet
238Kb / 4P
   Timing Circuit
KK556 KODENSHI-KK556 Datasheet
196Kb / 3P
   Timing Circuit
logo
IK Semicon Co., Ltd
IN556 IKSEMICON-IN556_11 Datasheet
188Kb / 3P
   Timing Circuit
logo
System Logic Semiconduc...
SLC555 SLS-SLC555 Datasheet
24Kb / 3P
   Timing Circuit
logo
IK Semicon Co., Ltd
IN556 IKSEMICON-IN556 Datasheet
190Kb / 3P
   Timing Circuit
logo
Integral Corp.
IN556 INTEGRAL-IN556 Datasheet
114Kb / 2P
   Timing Circuit
logo
IK Semicon Co., Ltd
IN555 IKSEMICON-IN555_11 Datasheet
183Kb / 4P
   Timing Circuit
IN555 IKSEMICON-IN555 Datasheet
232Kb / 4P
   Timing Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com