Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-8033JF Datasheet(PDF) 3 Page - Allegro MicroSystems

No. de pieza SI-8033JF
Descripción Electrónicos  Step-Down to 3.3 V, 1.5 A, DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-8033JF Datasheet(HTML) 3 Page - Allegro MicroSystems

  SI-8033JF Datasheet HTML 1Page - Allegro MicroSystems SI-8033JF Datasheet HTML 2Page - Allegro MicroSystems SI-8033JF Datasheet HTML 3Page - Allegro MicroSystems SI-8033JF Datasheet HTML 4Page - Allegro MicroSystems SI-8033JF Datasheet HTML 5Page - Allegro MicroSystems SI-8033JF Datasheet HTML 6Page - Allegro MicroSystems SI-8033JF Datasheet HTML 7Page - Allegro MicroSystems SI-8033JF Datasheet HTML 8Page - Allegro MicroSystems SI-8033JF Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SI-8033JF
Step-Down
to 3.3 V, 1.5 A,
DC/DC Converter
www.allegromicro.com
Switching
Regulators
3
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VI = 15 V, IO = 0.5 A (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Voltage
V
O
3.234
3.30
3.366
V
Ref. Volt. Temp. Coeff.
a
Vref
±0.5
mV/°C
Output Short-Circuit Current
I
OM
See note
1.6
A
Efficiency
η
—77
%
Operating Frequency
f
125
kHz
Line Regulation
∆V
O(
∆VI)
V
I = 8 V ~ 30 V, IO = 0.5 A
25
80
mV
Load Regulation
∆V
O(
∆IO)
V
I = 15 V, IO = 0.2 A ~ 0.8 A
10
30
mV
Quiescent Current
I
IQ
I
O = 0 A
7.0
mA
V
CE = 0.3 V
200
µA
Chip Enable Voltage
V
CE
Converter turn-off voltage
0.5
V
Soft-Start Current
I
SS
V
SS = 0 V
-100
µA
Typical values are given for circuit design information only.
Note: Output short-circuit current is at point where output voltage has decreased 5% below V
O(nom).
SI-8033JF
Test Circuit
C1 = 220 µF/50 V
C2 = 470 µF/25 V
C3 = 0.47 µF/10 V
L1 = 100 µH
D1 = Sanken RK-16


Número de pieza similar - SI-8033JF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-8033JF SANKEN-SI-8033JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8033JF SANKEN-SI-8033JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

Descripción similar - SI-8033JF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8090JD ALLEGRO-SI-8090JD Datasheet
600Kb / 10P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com