Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FAN2558S13X Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
FAN2558S13X Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 15 page 2 REV. 1.0.4 3/15/04 FAN2558/FAN2559 PRODUCT SPECIFICATIONS Pin Assignments Pin Descriptions Pin no. Pin Name FAN2558 FAN2558ADJ FAN2559 5SOT-23 2x2mm MLP-6 6SOT-23 2x2mm MLP-6 6SOT-23 2x2mm MLP-6 1VIN VOUT VIN VOUT VIN VOUT 2 GND. NC GND. ADJ GND. BYP 3EN PG EN PGENPG 4PG EN PG ENPGEN 5VOUT GND ADJ GND BYP GND 6VIN VOUT VIN VOUT VIN Symbol Pin Function Description VIN Power Supply Input VOUT Regulated Voltage Output GND Ground Connection PG Power Good Output, Open Drain ADJ Ratio of potential divider from Vout to ADJ determines output voltage BYP Reference Noise Bypass EN Chip Enable Input. The regulator is fully enabled when TTL “H” is applied to this input. The regulator enters into shutdown mode when TTL “L” is applied to this input. FAN2558 5-Lead SOT-23 PACKAGE GND V IN EN PG VOUT 1 2 34 5 FAN2558/FAN2558ADJ/FAN2559 2x2mm MLP-6 PACKAGE V OUT PG NC/ADJ/BYP GND V IN EN FAN2558ADJ/FAN2559 6-Lead SOT-23 PACKAGE GND V IN EN ADJ/BYP PG VOUT 1 2 34 5 6 TOP-VIEW 1 2 3 6 5 4 |
Número de pieza similar - FAN2558S13X |
|
Descripción similar - FAN2558S13X |