Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN2559MP15X Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FAN2559MP15X
Descripción Electrónicos  180mA Low Voltage CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2559MP15X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN2559MP15X Datasheet HTML 1Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 2Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 3Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 4Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 5Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 6Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 7Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 8Page - Fairchild Semiconductor FAN2559MP15X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
REV. 1.0.4 3/15/04
FAN2558/FAN2559
PRODUCT SPECIFICATIONS
Pin Assignments
Pin Descriptions
Pin no.
Pin Name
FAN2558
FAN2558ADJ
FAN2559
5SOT-23
2x2mm MLP-6
6SOT-23
2x2mm MLP-6
6SOT-23
2x2mm MLP-6
1VIN
VOUT
VIN
VOUT
VIN
VOUT
2
GND.
NC
GND.
ADJ
GND.
BYP
3EN
PG
EN
PGENPG
4PG
EN
PG
ENPGEN
5VOUT
GND
ADJ
GND
BYP
GND
6VIN
VOUT
VIN
VOUT
VIN
Symbol
Pin Function Description
VIN
Power Supply Input
VOUT
Regulated Voltage Output
GND
Ground Connection
PG
Power Good Output, Open Drain
ADJ
Ratio of potential divider from Vout to ADJ determines output voltage
BYP
Reference Noise Bypass
EN
Chip Enable Input. The regulator is fully enabled when TTL “H” is applied to this input. The regulator
enters into shutdown mode when TTL “L” is applied to this input.
FAN2558
5-Lead SOT-23 PACKAGE
GND
V
IN
EN
PG
VOUT
1
2
34
5
FAN2558/FAN2558ADJ/FAN2559
2x2mm MLP-6 PACKAGE
V
OUT
PG
NC/ADJ/BYP
GND
V
IN
EN
FAN2558ADJ/FAN2559
6-Lead SOT-23 PACKAGE
GND
V
IN
EN
ADJ/BYP
PG
VOUT
1
2
34
5
6
TOP-VIEW
1
2
3
6
5
4


Número de pieza similar - FAN2559MP15X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN2559MP15X ONSEMI-FAN2559MP15X Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
More results

Descripción similar - FAN2559MP15X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
   180mA Fixed-Voltage Ultra Low LDO
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
   180mA Low-Noise LDO Regulator
MIC5207 MICREL-MIC5207_07 Datasheet
407Kb / 13P
   180mA Low-Noise LDO Regulator
logo
ON Semiconductor
FAN2558 ONSEMI-FAN2558 Datasheet
429Kb / 17P
   Low Voltage CMOS LDO
REV. 1.0.4 3/15/04
logo
First Components Intern...
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
   CMOS Low Dropout Voltage ( LDO ) Regulator
logo
SiGe Semiconductor, Inc...
AATIAN70 SIGE-AATIAN70 Datasheet
788Kb / 10P
   CMOS Low Voltage LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509_12 Datasheet
207Kb / 7P
   Low Power Low Noise LDO CMOS Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com