Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL59421IU-T7 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL59421IU-T7
Descripción Electrónicos  865MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59421IU-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL59421IU-T7 Datasheet HTML 1Page - Intersil Corporation ISL59421IU-T7 Datasheet HTML 2Page - Intersil Corporation ISL59421IU-T7 Datasheet HTML 3Page - Intersil Corporation ISL59421IU-T7 Datasheet HTML 4Page - Intersil Corporation ISL59421IU-T7 Datasheet HTML 5Page - Intersil Corporation ISL59421IU-T7 Datasheet HTML 6Page - Intersil Corporation ISL59421IU-T7 Datasheet HTML 7Page - Intersil Corporation ISL59421IU-T7 Datasheet HTML 8Page - Intersil Corporation ISL59421IU-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN7458.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL59421
865MHz Multiplexing Amplifier
The ISL59421 is a 865MHz bandwidth multiplexing amplifier
designed primarily for video switching. This Mux amp has
user-settable gain and also features a high speed three-
state function to enable the output of multiple devices to be
wired together. All logic inputs have pull-downs to ground
and may be left floating. The ENABLE pin, when pulled high,
sets the ISL59421 to the low current power-down mode for
power sensitive applications - consuming just 5mW.
Features
• 865MHz (-3dB) Bandwidth (AV = 1, VOUT = 100mVP-P)
• 350MHz (-3dB) Bandwidth (AV = 2, VOUT = 2VP-P)
• Slew Rate (AV = 1, RL = 500Ω, VOUT = 4V) . . . . .1417V/µs
• Slew Rate (AV = 2, RL = 500Ω, VOUT = 5V) . . . . .2008V/µs
• Adjustable Gain
• High Speed Three-state Output (HIZ)
• Low Current Power-Down . . . . . . . . . . . . . . . . . . . . .5mW
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• HDTV/DTV Analog Inputs
• Video Projectors
• Computer Monitors
• Set-top Boxes
• Security Video
• Broadcast Video Equipment
TABLE 1. CHANNEL SELECT LOGIC TABLE
S0
ENABLE
HIZ
OUTPUT
000
IN0
100
IN1
X
1
X
Power Down
X0
1
High Z
Pinout
ISL59421
(10 Ld MSOP)
TOP VIEW
Ordering Information
PART NUMBER
PART
MARKING
PACKAGE
TAPE &
REEL
PKG.
DWG. #
ISL59421IU
BBRAA
10 Ld MSOP
-
MDP0043
ISL59421IU-T7
BBRAA
10 Ld MSOP
7”
MDP0043
ISL59421IU-T13
BBRAA
10 Ld MSOP
13”
MDP0043
ISL59421IUZ
(Note)
BBSAA
10 Ld MSOP
(Pb-free)
-
MDP0043
ISL59421IUZ-T7
(Note)
BBSAA
10 Ld MSOP
(Pb-free)
7”
MDP0043
ISL59421IUZ-T13
(Note)
BBSAA
10 Ld MSOP
(Pb-free)
13”
MDP0043
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak
reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
1
2
3
4
10
9
8
7
5
6
S0
GND
IN0
ENABLE
IN1
IN-
OUT
V+
V-
HIZ
-
+
Functional Diagram
OUT
DECODE
IN0
IN1
S0
ENABLE
EN0
EN1
HIZ
AMPLIFIER BIAS
+
-
IN-
ENABLE pin must be low in order to activate the HIZ state
Data Sheet
September 21, 2005


Número de pieza similar - ISL59421IU-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59421IU-T7 RENESAS-ISL59421IU-T7 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
More results

Descripción similar - ISL59421IU-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com