Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL60007 Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza ISL60007
Descripción Electrónicos  Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60007 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL60007 Datasheet HTML 1Page - Intersil Corporation ISL60007 Datasheet HTML 2Page - Intersil Corporation ISL60007 Datasheet HTML 3Page - Intersil Corporation ISL60007 Datasheet HTML 4Page - Intersil Corporation ISL60007 Datasheet HTML 5Page - Intersil Corporation ISL60007 Datasheet HTML 6Page - Intersil Corporation ISL60007 Datasheet HTML 7Page - Intersil Corporation ISL60007 Datasheet HTML 8Page - Intersil Corporation ISL60007 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN8087.1
May 5, 2005
Absolute Maximum Ratings
Recommended Operating Conditions
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +125°C
Max Voltage VIN to Gnd. . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
Max Voltage VOUT to Gnd (10s) . . . . . . . . . . . . . . . -0.5V to +3.50V
Voltage on “DNC” pins . . . . No connections permitted to these pins.
Lead Temperature, soldering (10s) . . . . . . . . . . . . . . . . . . . . +225°C
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . . -40°C to 85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, Unless Otherwise
Specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
1.250V OUTPUT VOLTAGE
VOUT
Output Voltage
1.250
V
VOA
VOUT Accuracy @ TA = 25°C
ISL60007C12
-0.5
+0.5
mV
ISL60007D12
-1.0
+1.0
mV
TC VOUT
Output Voltage Temperature
Coefficient (Note 1)
ISL60007C12
5
ppm/°C
ISL60007D12
10
ppm/°C
VIN
Input Voltage Range
2.7
5.5
V
IIN
Supply Current
400
800
nA
∆VOUT/∆VIN Line Regulation
+2.7V
≤ VIN ≤ +5.5V
30
200
µV/V
∆VOUT/∆IOUT Load Regulation
Sourcing: 0mA
≤ IOUT ≤ 7mA
15
50
µV/mA
Sinking: -7mA
≤ IOUT ≤ 0mA
50
150
µV/mA
∆VOUT/∆t
Long Term Stability
TA = 25°C
10
ppm/
√1kHrs
∆VOUT/∆TA
Thermal Hysteresis (Note 2)
∆TA = 125°C
50
ppm
ISC
Short Circuit Current (Note 3)
TA = 25°C
40
80
mA
VN
VOUT Noise
0.1Hz
≤ f ≤ 10Hz
30
µVP-P
2.500V OUTPUT VOLTAGE
VOUT
Output Voltage
2.500
V
VOA
VOUT Accuracy @
TA = 25°C
ISL60007B25
-0.5
+0.5
mV
ISL60007C25
-0.5
+0.5
mV
ISL60007D25
-1.0
+1.0
mV
TC VOUT
Output Voltage Temperature
Coefficient (Note 1)
ISL60007B25
3
ppm/°C
ISL60007C25
5
ppm/°C
ISL60007D25
10
ppm/°C
VIN
Input Voltage Range
2.7
5.5
V
IIN
Supply Current
400
800
nA
∆VOUT/∆VIN Line Regulation
+2.7V
≤ VIN ≤ +5.5V
30
200
µV/V
∆VOUT/∆IOUT Load Regulation
Sourcing: 0mA
≤ IOUT ≤ 7mA
15
50
µV/mA
Sinking: -7mA
≤ IOUT ≤ 0mA
50
150
µV/mA
∆VOUT/∆t
Long Term Stability (Note 4)
TA = 25°C
10
ppm/
√1kHrs
∆VOUT/∆TA
Thermal Hysteresis (Note 2)
∆TA = 125°C
50
ppm
ISL60007


Número de pieza similar - ISL60007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL60007BIB825 INTERSIL-ISL60007BIB825 Datasheet
240Kb / 10P
   Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
ISL60007BIB825Z INTERSIL-ISL60007BIB825Z Datasheet
240Kb / 10P
   Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
ISL60007CIB825 INTERSIL-ISL60007CIB825 Datasheet
240Kb / 10P
   Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
ISL60007CIB825Z INTERSIL-ISL60007CIB825Z Datasheet
240Kb / 10P
   Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
ISL60007DIB825 INTERSIL-ISL60007DIB825 Datasheet
240Kb / 10P
   Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
More results

Descripción similar - ISL60007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL60007 INTERSIL-ISL60007_06 Datasheet
240Kb / 10P
   Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com