Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC74ACT299N Datasheet(PDF) 8 Page - ON Semiconductor |
|
MC74ACT299N Datasheet(HTML) 8 Page - ON Semiconductor |
8 / 11 page MC74AC299, MC74ACT299 http://onsemi.com 8 AC OPERATING REQUIREMENTS Symbol Parameter VCC* (V) 74ACT 74ACT Unit Fig. No. TA = +25°C CL = 50 pF TA = −40°C to +85°C CL = 50 pF Typ Guaranteed Minimum ts Setup Time, HIGH or LOW S0 or S1 to CP 5.0 − 5.0 5.5 ns 3−9 th Hold Time, HIGH or LOW S0 or S1 to CP 5.0 − 1.0 1.0 ns 3−9 ts Setup Time, HIGH or LOW I/On to CP 5.0 − 4.0 4.5 ns 3−9 th Hold Time, HIGH or LOW I/On to CP 5.0 − 1.0 1.0 ns 3−9 ts Setup Time, HIGH or LOW DS0 or DS7 to CP 5.0 − 4.5 5.0 ns 3−6 th Hold Time, HIGH or LOW DS0 or DS7 to CP 5.0 − 1.0 1.0 ns 3−6 tw CP Pulse Width HIGH or LOW 5.0 − 4.0 4.5 ns 3−9 tw MR Pulse Width, LOW 5.0 − 3.5 3.5 ns 3−9 trec Recovery Time MR to CP 5.0 − 1.5 1.5 ns 3−9 *Voltage Range 5.0 V is 5.0 V ±0.5 V. CAPACITANCE Symbol Parameter Value Typ Unit Test Conditions CIN Input Capacitance 4.5 pF VCC = 5.0 V CPD Power Dissipation Capacitance 170 pF VCC = 5.0 V |
Número de pieza similar - MC74ACT299N |
|
Descripción similar - MC74ACT299N |