Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS6680AS_NL Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FDS6680AS_NL
Descripción Electrónicos  30V N-Channel PowerTrench SyncFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6680AS_NL Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS6680AS_NL Datasheet HTML 1Page - Fairchild Semiconductor FDS6680AS_NL Datasheet HTML 2Page - Fairchild Semiconductor FDS6680AS_NL Datasheet HTML 3Page - Fairchild Semiconductor FDS6680AS_NL Datasheet HTML 4Page - Fairchild Semiconductor FDS6680AS_NL Datasheet HTML 5Page - Fairchild Semiconductor FDS6680AS_NL Datasheet HTML 6Page - Fairchild Semiconductor FDS6680AS_NL Datasheet HTML 7Page - Fairchild Semiconductor FDS6680AS_NL Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDS6680AS Rev B(X)
Typical Characteristics
0
10
20
30
40
50
0
0.4
0.8
1.2
1.6
2
VDS, DRAIN-SOURCE VOLTAGE (V)
4.5V
4.0V
3.5V
3.0V
VGS = 10V
6.0V
2.5V
0.8
1
1.2
1.4
1.6
1.8
2
0
10
20304050
ID, DRAIN CURRENT (A)
VGS = 3.0V
4.5V
6.0V
10.0V
4.0V
3.5V
5.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
-50
-25
0
25
50
75
100
TJ, JUNCTION TEMPERATURE (
oC)
ID = 11.5A
VGS = 10V
0
0.01
0.02
0.03
0.04
0.05
2468
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 6A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
50
1
1.5
22.5
33.5
4
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
25
oC
VDS = 5V
-55
oC
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Número de pieza similar - FDS6680AS_NL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6680AS FAIRCHILD-FDS6680AS_08 Datasheet
1,011Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results

Descripción similar - FDS6680AS_NL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com