Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FFA60UP30DN Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FFA60UP30DN
Descripción Electrónicos  Ultrafast Recovery Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA60UP30DN Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFA60UP30DN Datasheet HTML 1Page - Fairchild Semiconductor FFA60UP30DN Datasheet HTML 2Page - Fairchild Semiconductor FFA60UP30DN Datasheet HTML 3Page - Fairchild Semiconductor FFA60UP30DN Datasheet HTML 4Page - Fairchild Semiconductor FFA60UP30DN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FFA60UP30DN Rev. A
FFA60UP30DN
Ultrafast Recovery Power Rectifier
Features
• Ultrafast with Soft Recovery : < 55ns
• High Reverse Voltage : VRRM = 300V
• Avalanche Energy Rated
• Planar Construction
Applications
• General purpose
• Switching Mode Power Supply
• Free-wheeling diode for motor application
• Power switching circuits
Absolute Maximum Ratings (per diode) T
a = 25°C unless otherwise noted
Thermal Characteristics T
a = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
300
V
VRWM
Working Peak Reverse Voltage
300
V
VR
DC Blocking Voltage
300
V
IF(AV)
Average Rectified Forward Current
@ TC = 135°C30
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
300
A
TJ, TSTG
Operating Junction and Storage Temperature
- 65 to +150
°C
Symbol
Parameter
Max
Units
RθJC
Maximum Thermal Resistance, Junction to Case
0.53
°C/W
TO-3P
1
1.Anode 2.Cathode 3.Anode
1. Anode 2. Cathode 3. Anode
1
2
3


Número de pieza similar - FFA60UP30DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinki Semiconductor Co...
FFA60UP30DN THINKISEMI-FFA60UP30DN Datasheet
5Mb / 2P
   60Amperes,300Volts Dual Common Cathode Ultra Fast Recovery Rectifiers
logo
Fairchild Semiconductor
FFA60UP30DNTU FAIRCHILD-FFA60UP30DNTU Datasheet
2Mb / 5P
   60 A, 300 V Ultrafast Dual Diode
logo
Thinki Semiconductor Co...
FFA60UP30DNTU THINKISEMI-FFA60UP30DNTU Datasheet
5Mb / 2P
   60Amperes,300Volts Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Descripción similar - FFA60UP30DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
SF10S600D2 KODENSHI-SF10S600D2 Datasheet
253Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF30UP20STTU FAIRCHILD-FFPF30UP20STTU Datasheet
187Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H KODENSHI-SF5A200H Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD KODENSHI-SF5A400HD Datasheet
242Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A200H KODENSHI-SF8A200H Datasheet
282Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF10UP30STU FAIRCHILD-FFPF10UP30STU Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H-1 KODENSHI-SF5A200H-1 Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD-1 KODENSHI-SF5A400HD-1 Datasheet
219Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A300H-1 KODENSHI-SF8A300H-1 Datasheet
283Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFB10UP20S FAIRCHILD-FFB10UP20S Datasheet
116Kb / 5P
   Ultrafast Recovery Power Rectifier
FFPF20UP30DN FAIRCHILD-FFPF20UP30DN Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com