Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL43L410IU Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL43L410IU
Descripción Electrónicos  Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L410IU Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL43L410IU Datasheet HTML 3Page - Intersil Corporation ISL43L410IU Datasheet HTML 4Page - Intersil Corporation ISL43L410IU Datasheet HTML 5Page - Intersil Corporation ISL43L410IU Datasheet HTML 6Page - Intersil Corporation ISL43L410IU Datasheet HTML 7Page - Intersil Corporation ISL43L410IU Datasheet HTML 8Page - Intersil Corporation ISL43L410IU Datasheet HTML 9Page - Intersil Corporation ISL43L410IU Datasheet HTML 10Page - Intersil Corporation ISL43L410IU Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN6090.1
November 3, 2004
permanent damage, and the sub-microamp input current
produces an insignificant voltage drop during normal
operation.
This method is not acceptable for the signal path inputs.
Adding a series resistor to the switch input defeats the
purpose of using a low RON switch, so two small signal
diodes can be added in series with the supply pins to provide
overvoltage protection for all pins (see Figure 8). These
additional diodes limit the analog signal from 1V below V+ to
1V above GND. The low leakage current performance is
unaffected by this approach, but the switch signal range is
reduced and the resistance may increase, especially at low
supply voltages.
Power-Supply Considerations
The ISL43L410 construction is typical of most single supply
CMOS analog switches, in that they have two supply pins:
V+ and GND. V+ and GND drive the internal CMOS
switches and set their analog voltage limits. Unlike switches
with a 4V maximum supply voltage, the ISL43L410 4.7V
maximum supply voltage provides plenty of room for the
10% tolerance of 3.6V supplies, as well as room for
overshoot and noise spikes.
The minimum recommended supply voltage is 1.65V but the
part will operate with a supply below 1.5V. It is important to
note that the input signal range, switching times, and on-
resistance degrade at lower supply voltages. Refer to the
electrical specification tables and Typical Performance
curves for details.
V+ and GND also power the internal logic and level shifters.
The level shifters convert the input logic levels to switched
V+ and GND signals to drive the analog switch gate
terminals.
This family of switches cannot be operated with bipolar
supplies, because the input switching point becomes
negative in this configuration.
Logic-Level Thresholds
This switch family is 1.8V CMOS compatible (0.5V and 1.4V)
over a supply range of 2.0V to 3.6V (See Figure 15). At 3.6V
the VIH level is about 1.27V. This is still below the 1.8V
CMOS guaranteed high output minimum level of 1.4V, but
noise margin is reduced.
The digital input stages draw supply current whenever the
digital input voltage is not at one of the supply rails. Driving
the digital input signals from GND to V+ with a fast transition
time minimizes power dissipation.
High-Frequency Performance
In 50
Ω systems, the signal response is reasonably flat
even past 30MHz with a -3dB bandwidth of 120MHz (See
Figure 16). The frequency response is very consistent over a
wide V+ range, and for varying analog signal levels.
An OFF switch acts like a capacitor and passes higher
frequencies with less attenuation, resulting in signal
feedthrough from a switch’s input to its output. Off Isolation is
the resistance to this feedthrough, while Crosstalk indicates
the amount of feedthrough from one switch to another.
Figure 17 details the high Off Isolation and Crosstalk
rejection provided by this part. At 100kHz, Off Isolation is
about 68dB in 50
Ω systems, decreasing approximately 20dB
per decade as frequency increases. Higher load
impedances decrease Off Isolation and Crosstalk rejection
due to the voltage divider action of the switch OFF
impedance and the load impedance.
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and GND.
One of these diodes conducts if any analog signal exceeds
V+ or GND.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or GND. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by either
V+ or GND and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and GND pins constitutes the analog-
signal-path leakage current. All analog leakage current flows
between each pin and one of the supply terminals, not to the
other switch terminal. This is why both sides of a given
switch can show leakage currents of the same or opposite
polarity. There is no connection between the analog signal
paths and V+ or GND.
FIGURE 8. OVERVOLTAGE PROTECTION
GND
VCOM
VNO or NC
OPTIONAL PROTECTION
V+
INX
DIODE
OPTIONAL PROTECTION
DIODE
OPTIONAL
PROTECTION
RESISTOR
ISL43L410


Número de pieza similar - ISL43L410IU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43L410IU INTERSIL-ISL43L410IU Datasheet
276Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL43L410IU RENESAS-ISL43L410IU Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Intersil Corporation
ISL43L410IU-T INTERSIL-ISL43L410IU-T Datasheet
276Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL43L410IU-T RENESAS-ISL43L410IU-T Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Intersil Corporation
ISL43L410IUZ INTERSIL-ISL43L410IUZ Datasheet
276Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
More results

Descripción similar - ISL43L410IU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL43L410 RENESAS-ISL43L410 Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Intersil Corporation
ISL43L410 INTERSIL-ISL43L410_06 Datasheet
276Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL83699IR INTERSIL-ISL83699IR Datasheet
418Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL84714 RENESAS-ISL84714 Datasheet
523Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714_0411 INTERSIL-ISL84714_0411 Datasheet
345Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com