Nombre de pieza
         Descripción
MC74HC240A

 Octal 3-State Inverting Buffer/Line Driver/Line Receiver ( 8 Page)


ONSEMI
100% 
Zoom Out Zoom In
   
 6 page
background image
MC74HC240A
http://onsemi.com
6
PACKAGE DIMENSIONS
SO–20
DW SUFFIX
CASE 751D–05
ISSUE F
PDIP–20
N SUFFIX
PLASTIC DIP PACKAGE
CASE 738–03
ISSUE E
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD
FLASH.
M
L
J 20 PL
M
B
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
25.66
27.17
1.010
1.070
B
6.10
6.60
0.240
0.260
C
3.81
4.57
0.150
0.180
D
0.39
0.55
0.015
0.022
G
2.54 BSC
0.100 BSC
J
0.21
0.38
0.008
0.015
K
2.80
3.55
0.110
0.140
L
7.62 BSC
0.300 BSC
M
0
15
0
15
N
0.51
1.01
0.020
0.040
__
__
E
1.27
1.77
0.050
0.070
1
11
10
20
–A–
SEATING
PLANE
K
N
F
G
D 20 PL
–T–
M
A
M
0.25 (0.010)
T
E
B
C
F
1.27 BSC
0.050 BSC
20
1
11
10
B
20X
C
18X
A1
A
SEATING
PLANE
q
E
D
M
0.25
S
A
S
B
T
e
T
B
A
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.10
0.25
B
0.35
0.49
C
0.23
0.32
D
12.65
12.95
E
7.40
7.60
e
1.27 BSC
H
10.05
10.55
h
0.25
0.75
L
0.50
0.90
q
0
7
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION SHALL
BE 0.13 TOTAL IN EXCESS OF B DIMENSION AT
MAXIMUM MATERIAL CONDITION.
__
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MC54-74HC240AOctal 3-State Inverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 MoreMotorola, Inc
MC74HCT240AOctal 3-State Inverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs 1 2 3 4 5 MoreMotorola, Inc
IN74HCT240AOCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER 1 2 3 4 5 Integral Corp.
MC74HC540AOctal 3-State Inverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 MoreON Semiconductor
IN74HC240AOCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER 1 2 3 4 5 Integral Corp.
IN74AC240Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS 1 2 3 4 Integral Corp.
SL74HC240Octal 3-State Inverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 System Logic Semiconductor
IN74ACT240OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER 1 2 3 4 Integral Corp.
MC74HC244AOctal 3-State Noninverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 MoreON Semiconductor
74ABT2953Octal registered transceiver inverting 3-State 1 2 3 4 5 MoreNXP Semiconductors