Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

70-2R-1C-5.5 Datasheet(PDF) 10 Page - Littelfuse

No. de pieza 70-2R-1C-5.5
Descripción Electrónicos  Medium Voltage Fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

70-2R-1C-5.5 Datasheet(HTML) 10 Page - Littelfuse

Back Button 70-2R-1C-5.5 Datasheet HTML 4Page - Littelfuse 70-2R-1C-5.5 Datasheet HTML 5Page - Littelfuse 70-2R-1C-5.5 Datasheet HTML 6Page - Littelfuse 70-2R-1C-5.5 Datasheet HTML 7Page - Littelfuse 70-2R-1C-5.5 Datasheet HTML 8Page - Littelfuse 70-2R-1C-5.5 Datasheet HTML 9Page - Littelfuse 70-2R-1C-5.5 Datasheet HTML 10Page - Littelfuse 70-2R-1C-5.5 Datasheet HTML 11Page - Littelfuse 70-2R-1C-5.5 Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
70
E Rated Medium Voltage Fuses
Current Limiting
Catalog
Number
10E-1CL-15.5
15E-1CL-15.5
20E-1CL-15.5
25E-1CL-15.5
30E-1CL-15.5
40E-1CL-15.5
50E-1CL-15.5
65E-1CL-15.5
80E-1CL-15.5
100E-1CL-15.5
125E-2CL-15.5
150E-3CL-15.5
175E-3CL-15.5
200E-3CL-15.5
225E-3CL-15.5
250E-3CL-15.5
300E-3CL-15.5
Catalog
Number
10E-1CL-5.5
15E-1CL-5.5
20E-1C-5.5
25E-1CL-5.5
30E-1CL-5.5
40E-1CL-5.5
50E-1CL-5.5
65E-1CL-5.5
80E-1CL-5.5
100E-1CL-5.5
125E-1CL-5.5
150E-1CL-5.5
225E-2CL-5.5
250E-2CL-5.5
300E-2CL-5.5
350E-2CL-5.5
400E-2CL-5.5
450E-2CL-5.5
500E-3CL-5.5
550E-3CL-5.5
600E-3CL-5.5
Catalog
Number
10E-1CL-8.25
15E-1CL-8.25
20E-1C-8.25
25E-1CL-8.25
30E-1CL-8.25
40E-1CL-8.25
50E-1CL-8.25
65E-1CL-8.25
80E-1CL-8.25
100E-1CL-8.25
125E-2CL-8.25
150E-2CL-8.25
175E-2CL-8.25
200E-2CL-8.25
225E-2CL-8.25
250E-2CL-8.25
300E-2CL-8.25
350E-3CL-8.25
4.31
7.94
11.56
1.25
A
B
1.25
.25
3.0
Clip Lock Design
The clip lock type designs ensures a positive contact between
the fuse and the connection cam. The fuse’s clip lock tab slides
in between the clip casting and the cam to prevent the fuse from
slipping or blowing out of the holder. This positive contact
improves heat dissipation and allows fuses to run cooler.
Old
Catalog
Number
Size
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
125E
150E
175E
200E
225E
250E
300E
350E
Dim. A
(inches)
17.38"
17.38"
17.38"
Dim. B
(inches)
16.13"
16.13"
16.13"
Max
Interrupting
Rating
RMS (Asym)
80,000
80,000
80,000
Figure
Number
17
17
17
17
17
17
17
17
17
17
18
18
18
18
18
18
18
19
E
RATED
Old
Catalog
Number
Size
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
125E
150E
225E
250E
300E
350E
400E
450E
500E
550E
600E
Dim. A
(inches)
16.38"
17.38"
17.38"
Dim. B
(inches)
15.13"
16.13"
16.13"
Max
Interrupting
Rating
RMS (Asym)
80,000
80,000
80,000
Figure
Number
17
17
17
17
17
17
17
17
17
17
17
17
18
18
18
18
18
18
19
19
19
E
RATED
Old
Catalog
Number
Size
10E
15E
20E
25E
30E
40E
50E
65E
80E
100E
125
150E
175E
200E
225E
250E
300E
Dim. A
(inches)
19.8"
22.81"
22.81"
22.81"
Dim. B
(inches)
18.1"
21.13"
19.1"
19.1"
Max
Interrupting
Rating
RMS (Asym)
60,000
60,000
60,000
60,000
Figure
Number
17
17
17
17
17
17
17
17
17
17
18
19
19
19
19
19
19
E
RATED
FIGURE 17
FIGURE 18
FIGURE 19
Previous
Next


Número de pieza similar - 70-2R-1C-5.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
70-0058-C ETC1-70-0058-C Datasheet
155Kb / 6P
   RSC4X EK BOARD
70-0065-B ETC1-70-0065-B Datasheet
217Kb / 17P
   RSC-4x Demo/Evaluation Board: RSC-4000
70-0066-A ETC1-70-0066-A Datasheet
62Kb / 1P
   VR Stamp with Serial EEPROM
70-0069-B ETC1-70-0069-B Datasheet
84Kb / 4P
   RSC-4x VR Stamp Programmer
logo
Cooper Bussmann, Inc.
70-100 COOPER-70-100 Datasheet
207Kb / 3P
   FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
More results

Descripción similar - 70-2R-1C-5.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE2250E LITTELFUSE-8NLE2250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
10E1C15.5 LITTELFUSE-10E1C15.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C25.8 LITTELFUSE-15E1C25.8 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com